Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT34RC02 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT34RC02
Description  2-kb I2C Serial EEPROM, Serial Presence Detect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT34RC02 Datasheet HTML 1Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 2Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 3Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 4Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 5Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 6Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 7Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT34RC02
3
Doc No. 1052, Rev. I
Write Cycle Limits
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
5
ms
A.C. CHARACTERISTICS
VCC = 1.7 V to 5.5 V, unless otherwise specified.
Read & Write Cycle Limits
Symbol
Parameter
1.7 V - 5.5 V
2.5 V - 5.5 V
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
TI(1)
Noise Suppression Time
100
100
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out
3.5
0.9
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.3
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.3
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
250
100
ns
tR(1)
SDA and SCL Rise Time
1
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(1)(2)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
The write cycle time is the time elapsed between the
STOP command (following the write instruction) and the
completion of the internal write cycle. During the internal
write cycle, SDA is released by the Slave and the device
does not acknowledge external commands.


Similar Part No. - CAT34RC02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02GYITE13 CATALYST-CAT34RC02GYITE13 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02JETE13REV-E CATALYST-CAT34RC02JETE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02JITE13REV-E CATALYST-CAT34RC02JITE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02LETE13REV-E CATALYST-CAT34RC02LETE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Similar Description - CAT34RC02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com