Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6750 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH6750
Description  High Speed Optocoupler, 10 Mbd
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6750 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6750 Datasheet HTML 1Page - Vishay Siliconix SFH6750 Datasheet HTML 2Page - Vishay Siliconix SFH6750 Datasheet HTML 3Page - Vishay Siliconix SFH6750 Datasheet HTML 4Page - Vishay Siliconix SFH6750 Datasheet HTML 5Page - Vishay Siliconix SFH6750 Datasheet HTML 6Page - Vishay Siliconix SFH6750 Datasheet HTML 7Page - Vishay Siliconix SFH6750 Datasheet HTML 8Page - Vishay Siliconix SFH6750 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6N137/ SFH6741 / 42 / 50 / 51 / 52
Document Number 82584
Rev. 1.8, 13-Aug-04
Vishay Semiconductors
www.vishay.com
3
Recommended Operating Conditions
Electrical Characteristics
Tamb = 25 °C and Vcc = 5.5 V, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Operating temperature
Tamb
- 40
100
°C
Supply voltage
Vcc
4.5
5.5
V
Input current low level
IFL
0
250
µA
Input current high level
IFH
515
mA
Logic high enable voltage
VEH
2.0
VCC
V
Logic low enable voltage
VEL
0.0
0.8
V
Output pull up resistor
RL
330
4 K
Fanout
RL = 1 kΩ
N5
-
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Input forward voltage
IF = 10 mA
VF
1.1
1.4
1.7
V
Reverse current
VR = 4.5 V
IR
1
µA
Input capacitance
f = 1 MHz, VF = 0 V
CI
55
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
High level supply
current (single
channel)
VE = 0.5 V, IF = 0 mA
ICCH
4.1
7.0
mA
VE = VCC, IF = 0 mA
ICCH
3.3
6.0
mA
High level supply
current (dual
channel)
IF = 0 mA
ICCH
8.2
14.0
mA
Low level supply
current
VE = 0.5 V, IF = 10 mA
ICCL
4.0
7.0
mA
VE = VCC, IF = 10 mA
ICCL
3.3
6.0
mA
High level output
current
VE = 2.0 V, VO = 5.5 V, IF = 250 µAIOH
0.002
1
µA
Low level output
voltage
VE = 2.0 V, IF = 5 mA,
IOL (sinking) = 13 mA
VOL
0.2
0.6
V
Input threshold
current
VE = 2.0 V, VO = 5.5 V,
IOL (sinking) = 13 mA
ITH
2.4
5.0
mA
High level enable
current
VE = 2.0 V
IEH
- 0.6
- 1.6
mA
Low level enable
current
VE = 0.5 V
IEL
- 0.8
- 1.6
mA
High level enable
voltage
VEH
2.0
V
Low level enable
voltage
VEL
0.8
V


Similar Part No. - SFH6750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6750 VISHAY-SFH6750 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
SFH6750-X007T VISHAY-SFH6750-X007T Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
More results

Similar Description - SFH6750

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com