Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGI02N120 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SGI02N120
Description  Fast S-IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGI02N120 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SGI02N120 Datasheet HTML 3Page - Infineon Technologies AG SGI02N120 Datasheet HTML 4Page - Infineon Technologies AG SGI02N120 Datasheet HTML 5Page - Infineon Technologies AG SGI02N120 Datasheet HTML 6Page - Infineon Technologies AG SGI02N120 Datasheet HTML 7Page - Infineon Technologies AG SGI02N120 Datasheet HTML 8Page - Infineon Technologies AG SGI02N120 Datasheet HTML 9Page - Infineon Technologies AG SGI02N120 Datasheet HTML 10Page - Infineon Technologies AG SGI02N120 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary
SGP02N120
SGB02N120, SGD02N120
Power Semiconductors
7
Mar-00
0A
2A
4A
6A
8A
0.0mJ
0.5mJ
1.0mJ
1.5mJ
2.0mJ
E
on*
E
off
E
ts*
0
50
100
150
0.0mJ
0.1mJ
0.2mJ
0.3mJ
0.4mJ
0.5mJ
E
ts*
E
on*
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, Tj = 150
°C, V
CE = 800V,
VGE = +15V/0V, RG = 9 1
Ω)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, Tj = 150
°C, V
CE = 800V,
VGE = +15V/0V, IC = 2A)
-50°C
0°C
50°C
100°C
150°C
0.0mJ
0.1mJ
0.2mJ
0.3mJ
0.4mJ
E
ts*
E
on*
E
off
1µs
10µs
100µs
1ms
10ms 100ms
1s
10
-2K/W
10
-1K/W
10
0K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
Tj, JUNCTION TEMPERATURE
tp, PULSE WIDTH
Figure 15. Typical switching energy losses
as a function of junction temperature
(inductive load, VCE = 800V, VGE = +15V/0V,
IC = 2A, RG = 9 1
Ω)
Figure 16. IGBT transient thermal
impedance as a function of pulse width
(D = tp / T)
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
*) Eon and Ets include losses
due to diode recovery.
C1=
τ
1 / R 1
R1
R2
C2=
τ
2 / R 2
R
,( K/ W )
τ , (s )
0.66735
0.04691
0.70472
0.00388
0.62778
0.00041


Similar Part No. - SGI02N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGI02N120 INFINEON-SGI02N120 Datasheet
382Kb / 13P
   Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.3 Sep. 07
More results

Similar Description - SGI02N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB20N60 INFINEON-SGB20N60 Datasheet
275Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com