Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1214 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1214
Description  Integrated Circuit AM Tuner System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1214 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1214 Datasheet HTML 1Page - NTE Electronics NTE1214 Datasheet HTML 2Page - NTE Electronics NTE1214 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1214
Integrated Circuit
AM Tuner System
Description:
The NTE1214 is a high integrated circuit in a 16–Lead DIP type package designed for use in the AM
system of high grade receivers. This device contains most of the functions needed for AM receiving.
Functions:
D RF Amplifier
D Frequency Counter
D IF Amplifier
D Detector
D AGC
D Signal Meter Driving
Features:
D RF Amplifier Stage:
Good quieting sensitivity by means of low noise transistors and cascade connecting.
D Frequency Converter Stage:
Splendid spurious characteristics by means of reduction of high frequency distortion in local
oscillation and differential mixer.
D IF Amplifier Stage:
Reasonable distortion by wide output dynamic range.
D Detector Stage:
Low distortion even at deep modulation considering diagonal clip or negative clip.
D AGC Stage:
Wide AGC range and good large input signal characteristics by AGC’d IF and RF amplifier
stage.
D Signal Meter Driving Stage:
Excellent linearity to input signal.
D Others:
Stabilized biasing against supply voltage drifting over all stages. Particularly superior com-
pensation circuit in IF amplifier. Less deterioration of gain, detector output, and distortion in
low supply voltage range in order to get wide supply voltage range (7V* to 16V).
*
Needs to vary peripheral parts and its value of RF and local oscillator stage for the purpose of low
supply voltage operation.


Similar Part No. - NTE1214

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE121 NTE-NTE121 Datasheet
20Kb / 2P
   Germanium PNP Transistor Audio Frequency Power Amplifier
NTE1210 NTE-NTE1210 Datasheet
20Kb / 2P
   Integrated Circuit Preamp w/ALC
logo
C&D Technologies
NTE1212M CANDD-NTE1212M Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NTE1212MC MURATA-NTE1212MC Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE1212MC MURATA-NTE1212MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
More results

Similar Description - NTE1214

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1486 NTE-NTE1486 Datasheet
78Kb / 3P
   Integrated Circuit FM/AM Tuner System
logo
AUK corp
SL1019P AUK-SL1019P_1 Datasheet
112Kb / 10P
   AM TUNER SYSTEM
logo
Daewoo Semiconductor
DBL1019 DAEWOO-DBL1019 Datasheet
533Kb / 9P
   AM TUNER SYSTEM
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
344Kb / 10P
   AM TUNER SYSTEM
logo
KEC(Korea Electronics)
KIA6035P KEC-KIA6035P Datasheet
210Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM TUNER SYSTEM FOR CAR AUDIO)
logo
NTE Electronics
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
   Integrated Circuit AM Tuner for Car Radio
NTE1049 NTE-NTE1049 Datasheet
18Kb / 2P
   Integrated Circuit AM Tuner w/RF Amp
NTE1608 NTE-NTE1608 Datasheet
24Kb / 3P
   Integrated Circuit AM Tuner w/Electronic Tuning
NTE1842 NTE-NTE1842 Datasheet
26Kb / 3P
   Integrated Circuit FM/AM IF System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com