Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1963A Datasheet(PDF) 10 Page - Linear Technology

Part # LT1963A
Description  Low Dropout Negative Micropower Regulator in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1963A Datasheet HTML 4Page - Linear Technology LT1963A Datasheet HTML 5Page - Linear Technology LT1963A Datasheet HTML 6Page - Linear Technology LT1963A Datasheet HTML 7Page - Linear Technology LT1963A Datasheet HTML 8Page - Linear Technology LT1963A Datasheet HTML 9Page - Linear Technology LT1963A Datasheet HTML 10Page - Linear Technology LT1963A Datasheet HTML 11Page - Linear Technology LT1963A Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT1964
10
1964f
Figure 2. Ceramic Capacitor DC Bias Characteristics
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125
°C). The
power dissipated by the device will be made up of two
components:
1. Output current multiplied by the input/output voltage
differential: IOUT • (VIN – VOUT), and
2. Ground pin current multiplied by the input voltage:
IGND • VIN.
The GND pin current can be found by examining the GND
Pin Current curves in the Typical Performance Character-
istics. Power dissipation will be equal to the sum of the two
components listed above.
The LT1964 series regulators have internal thermal limit-
ing designed to protect the device during overload condi-
tions. For continuous normal conditions the maximum
junction temperature rating of 125
°C must not be
exceeded. It is important to give careful consideration to
all sources of thermal resistance from junction to ambient.
Additional heat sources mounted nearby must also be
considered.
For surface mount devices, heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through-holes can also be used to spread the heat gener-
ated by power devices.
The following table lists thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 board with one ounce
copper.
Table 1. Measured Thermal Resistance
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm2
2500mm2
2500mm2
125
°C/W
1000mm2
2500mm2
2500mm2
125
°C/W
225mm2
2500mm2
2500mm2
130
°C/W
100mm2
2500mm2
2500mm2
135
°C/W
50mm2
2500mm2
2500mm2
150
°C/W
*Device is mounted on topside.
The thermal resistance junction-to-case
JC), measured
at Pin 2, is 60
°C/W.
DC BIAS VOLTAGE (V)
1964 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
TEMPERATURE (
°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
1964 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
APPLICATIO S I FOR ATIO
Figure 3. Ceramic Capacitor Temperature Characteristics
Figure 4. Noise Resulting from Tapping on a Ceramic Capacitor
LT1964-5
COUT = 10µF
CBYP = 0.01µF
ILOAD = –200mA
VOUT
1mV/DIV
100ms/DIV
1964 F04


Similar Part No. - LT1963A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963A LINER-LT1963A Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
LT1963A LINER-LT1963A Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1963A LINER-LT1963A Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
More results

Similar Description - LT1963A

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com