Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5505 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5505
Description  RF Frequency Range: 800MHz to 2.7GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5505 Datasheet(HTML) 7 Page - Linear Technology

  LTC5505 Datasheet HTML 1Page - Linear Technology LTC5505 Datasheet HTML 2Page - Linear Technology LTC5505 Datasheet HTML 3Page - Linear Technology LTC5505 Datasheet HTML 4Page - Linear Technology LTC5505 Datasheet HTML 5Page - Linear Technology LTC5505 Datasheet HTML 6Page - Linear Technology LTC5505 Datasheet HTML 7Page - Linear Technology LTC5505 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT5504
7
5504i
VCC
OUTPUT CURRENTS
FROM RF AND IF
DETECTORS
VOUT
CC
400
µA
5504 F04
+
TYPICAL APPLICATIO S
Limiting Mixer and LPF
The amplified RF signal is down-converted using the
limiting mixer and LO signal. The resulting signal is filtered
by the 3rd-order, 450MHz, integrated low pass filter (LPF).
Only the desired IF signal is passed to the IF limiters for
further detection. Any other mixing products, including LO
feedthrough, are much reduced to maximize sensitivity.
The receiver’s sensitivity is thus defined by the LPF band-
width.
IF Limiter
The IF signal is then amplified through the multiple limiter
stages for further signal detection. All DC offsets, includ-
ing LO signal self-mixing, are eliminated by an internal DC
offset cancellation circuit. Nevertheless, care should be
taken in component placement and in PCB layout to
minimize LO coupling to the RF port.
Output Interface
The output interface of the LT55O4 is shown in Figure 4.
The output currents from the RF and IF detectors are
summed and converted into an output voltage, VOUT.
The maximum charging current available to the output
load is about 400
µA. An internal compensation capacitor
CC is used to guarantee stable operation for a large
capacitive output load. The slew rate is 80V/
µs and the
small signal output bandwidth is approximately 5MHz
when the output is resistively terminated. When the output
APPLICATIO S I FOR ATIO
Figure 5. LT5504 Evaluation Board Circuit Schematic
Figure 6.Component Side Silkscreen of Evaluation Board
5504 F04
1
2
3
4
8
7
6
5
VCC
RF+
RF
GND
VCC
VOUT
LO
EN
C2
100pF
C3
1nF
C7
100pF
VOUT
LO
INPUT
VCC
R1
82
R3
10k
R2
200
R5
500k
R4
20k
C1
100pF
C4
1nF
RF
INPUT
LT5504
JUMPER
T1
TOKO
617DB-1022
is loaded with a large capacitor CL, the slew rate is limited
to 400
µA/CL. For example, the slew rate is reduced to 4V/
µs when CL = 100pF.
Figure 4. Simplified Circuit Schematic of the Output Interface
Applications
The LT5504 can be used as a self-standing signal strength-
measuring receiver (RSSI) for a wide range of input
signals from – 75dBm to +5dBm, for frequencies from
800MHz to 2.7GHz.
The LT5504 can be used as a demodulator for AM and ASK
modulated signals with data rates up to 5MHz. Depending
on specific application needs, the RSSI output can be split
into two branches, providing AC coupled data output, and
DC coupled, RSSI output for signal strength measure-
ments and AGC. Refer to Figure 5.
The LT5504 can also be used as a wide range RF power
detector for transmit power control.


Similar Part No. - LTC5505

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5505 LINER-LTC5505 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5505 LINER-LTC5505 Datasheet
151Kb / 12P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5505 LINER-LTC5505 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5505 LINER-LTC5505 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
More results

Similar Description - LTC5505

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
   800MHz to 2.7GHz RF Measuring Receiver
LT5504 LINER-LT5504_09 Datasheet
183Kb / 8P
   800MHz to 2.7GHz RF Measuring Receiver
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
logo
Linear Technology
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com