Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1739 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1739
Description  Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1739 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1739 Datasheet HTML 6Page - Linear Technology LT1739 Datasheet HTML 7Page - Linear Technology LT1739 Datasheet HTML 8Page - Linear Technology LT1739 Datasheet HTML 9Page - Linear Technology LT1739 Datasheet HTML 10Page - Linear Technology LT1739 Datasheet HTML 11Page - Linear Technology LT1739 Datasheet HTML 12Page - Linear Technology LT1739 Datasheet HTML 13Page - Linear Technology LT1739 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT6301
sn6301 6301f
which looks very much like noise, it is easiest to use the
RMS values of voltages and currents for estimating the
driver power dissipation. The voltage and current levels
shown for this example are for a full-rate ADSL signal
driving 20dBm or 100mWRMS of power on to the 100Ω
telephone line and assuming a 0.5dBm insertion loss in
the transformer. The quiescent current for the LT6301 is
set to 10mA per amplifier.
The power dissipated in the LT6301 is a combination of the
quiescent power and the output stage power when driving
a signal. The two pairs of amplifiers are configured to place
a differential signal on two lines. The Class AB output stage
in each amplifier will simultaneously dissipate power in
the upper power transistor of one amplifier, while sourc-
ing current, and the lower power transistor of the other
amplifier, while sinking current. The total device power
dissipation is then:
PD = PQUIESCENT + PQ(UPPER) + PQ(LOWER)
PD = (V+ – V) • IQ + (V+ – VOUTARMS) •
ILOAD + (V – VOUTBRMS) • ILOAD
With no signal being placed on the line and the amplifier
biased for 10mA per amplifier supply current, the quies-
cent driver power dissipation is:
PDQ = [24V • 10mA] • 4 = 960mW
This can be reduced in many applications by operating
with a lower quiescent current value or shutting down the
part during idle conditions.
When driving a load, a large percentage of the amplifier
quiescent current is diverted to the output stage and
becomes part of the load current. Figure 7 illustrates the
total amount of biasing current flowing between the + and
– power supplies through the amplifiers as a function of
load current for one differential driver. As much as 60% of
the quiescent no load operating current is diverted to the
load.
At full power to both lines the total package power dissi-
pation is:
PD(FULL) = [24V • 8mA + (12V – 2VRMS) • 57mARMS
+ [|–12V – (– 2VRMS)|] • 57mARMS] • 2
PD(FULL) = [192mW + 570mW + 570mW] • 2
= 2.664W*
The junction temperature of the driver must be kept less
than the thermal shutdown temperature when processing
a signal. The junction temperature is determined from the
following expression:
TJ = TAMBIENT (°C) + PD(FULL) (W) • θJA (°C/W)
θJA is the thermal resistance from the junction of the
LT6301 to the ambient air, which can be minimized by
heat-spreading PCB metal and airflow through the enclo-
sure as required. For the example given, assuming a
maximum ambient temperature of 50
°C and keeping the
junction temperature of the LT6301 to 150
°C maximum,
the maximum thermal resistance from junction to ambient
required is:
θJA MAX
CC
W
CW
()
.
./
=
°° =°
150
50
2 664
37 5
APPLICATIO S I FOR ATIO
Figure 7. IQ vs ILOAD
ILOAD (mA) (ONE DIFFERENTIAL DRIVER)
–240
–200
–160
–120
–80
–40
0
40
80
120
160
200
240
10
15
20
6301 F07
5
0
25
*Design techniques exist to significantly reduce this value (See Line Driving Back Termination).


Similar Part No. - LT1739

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1739 LINER-LT1739 Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739CFE LINER-LT1739CFE Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739CUE LINER-LT1739CUE Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739IFE LINER-LT1739IFE Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739IUE LINER-LT1739IUE Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
More results

Similar Description - LT1739

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6300 LINER-LT6300_15 Datasheet
239Kb / 16P
   500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
LT1739 LINER-LT1739 Datasheet
286Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794 Datasheet
275Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com