Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1758 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1758
Description  800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1758 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1758 Datasheet HTML 4Page - Linear Technology LTC1758 Datasheet HTML 5Page - Linear Technology LTC1758 Datasheet HTML 6Page - Linear Technology LTC1758 Datasheet HTML 7Page - Linear Technology LTC1758 Datasheet HTML 8Page - Linear Technology LTC1758 Datasheet HTML 9Page - Linear Technology LTC1758 Datasheet HTML 10Page - Linear Technology LTC1758 Datasheet HTML 11Page - Linear Technology LTC1758 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT5516
10
5516f
APPLICATIO S I FOR ATIO
I-Channel and Q-Channel Outputs
Each of the I-channel and Q-channel outputs is internally
connected to VCC though a 60Ω resistor. The output dc
bias voltage is VCC – 0.68V. The outputs can be DC coupled
or AC coupled to the external loads. The differential output
impedance of the demodulator is 120
Ω in parallel with a
5pF internal capacitor, forming a lowpass filter with a
–3dB corner frequency at 265MHz. RLOAD (the single-
ended load resistance) should be larger than 600
Ω to
assure full gain. The gain is reduced by 20 • log(1 + 120
Ω/
RLOAD) in dB when the differential output is terminated by
RLOAD. For instance, the gain is reduced by 6.85dB when
each output pin is connected to a 50
Ω load (100Ω differ-
ential load). The output should be taken differentially (or
by using differential-to-single-ended conversion) for best
RF performance, including NF and IM2.
The phase relationship between the I-channel output sig-
nal and Q-channel output signal is fixed. When the LO
input frequency is larger (or smaller) than the RF input
frequency, the Q-channel outputs (QOUT+, QOUT–) lead (or
lag) I-channel outputs (IOUT+, IOUT–) by 90°.
When AC output coupling is used, the resulting highpass
filter’s –3dB roll-off frequency is defined by the R-C
constant of the blocking capacitor and RLOAD, assuming
RLOAD > 600Ω.
Care should be taken when the demodulator’s outputs are
DC coupled to the external load, to make sure that the I/Q
mixers are biased properly. If the current drain from the
outputs exceeds 6mA, there can be significant degrada-
tion of the linearity performance. Each output can sink no
more than 13mA when the outputs are connected to an
external load with a DC voltage higher than VCC – 0.68V.
The I/Q output equivalent circuit is shown in Figure 7.
3
2
RF
J1
T1
LDB31900M20C-416
VCC
RF+
LT5516
RF
5516 F05
1k
1.54V
1.54V
L1
33nH
6
2
4
1
3
C1
1nF
Figure 5. RF Input Equivalent Circuit with External Matching


Similar Part No. - LTC1758

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1758-1 LINER-LTC1758-1 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1EMS8 LINER-LTC1758-1EMS8 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-1 LINER-LTC1758-1_15 Datasheet
217Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
LTC1758-2 LINER-LTC1758-2 Datasheet
206Kb / 16P
   RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range
More results

Similar Description - LTC1758

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
logo
Linear Technology
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com