Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2085 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2085
Description  SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2085 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2085 Datasheet HTML 1Page - Texas Instruments BQ2085 Datasheet HTML 2Page - Texas Instruments BQ2085 Datasheet HTML 3Page - Texas Instruments BQ2085 Datasheet HTML 4Page - Texas Instruments BQ2085 Datasheet HTML 5Page - Texas Instruments BQ2085 Datasheet HTML 6Page - Texas Instruments BQ2085 Datasheet HTML 7Page - Texas Instruments BQ2085 Datasheet HTML 8Page - Texas Instruments BQ2085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
bq2085
SLUS541 – OCTOBER 2002
3
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
No.
I/O
DESCRIPTION
CLKOUT
35
I
32.768-kHz output to the bq29311
DISP
17
I
Display control for the LED drivers LED1 through LED5
FILT
32
I
Analog input connected to the external PLL filter
EVENT
18
I
Input from bq29311 XALERT output
LED1
24
O
LED2
23
O
LED3
22
O
LED display segments that each may drive an external LED
LED4
21
O
LED dis lay segments that each may drive an external LED
LED5
20
O
MRST
26
I
Master reset input that forces the device into reset when held high
N/C
4, 5, 7, 13,
14, 25, 36, 37
No connection
OC
3
I
Analog input for auto ADC offset compensation; should be connected to VSSA
RBI
9
I
Register backup that provides backup potential to the bq2085 data registers during periods of low
operating voltage. RBI accepts a storage capacitor or a battery input.
ROSC
33
I
Internal time base bias input
SAFE
12
O
Output for additional level of safety protection; e.g., fuse blow.
SCLK
6
O
Communication clock to the bq29311
SDATA
10
I/O
Data transfer to and from bq29311
SMBC
15
I/O
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the bq2085
SMBD
16
I/O
SMBus data open-drain bidirectional pin used to transfer address and data to and from the bq2085
SR1
28
I
Connections for a small value sense resistor to monitor the battery charge and discharge current flow
SR2
27
I
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current flow
TS
2
I
Thermistor voltage input connection to monitor temperature
VDDA
31
I
Positive supply for analog circuitry
VDDD
8
I
Positive supply for digital circuitry and I/O pins
VIN
1
I
Single cell voltage input from the bq29311
VSSA
30, 34
I
Negative supply for analog circuitry
VSSD
11, 19, 38
I
Negative supply for digital circuitry
VSSP
29
I
Negative supply for output circuitry


Similar Part No. - BQ2085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P3 TI-BQ2085-V1P3 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ20851 TI-BQ20851 Datasheet
467Kb / 53P
[Old version datasheet]   SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
BQ20851-V1P2 TI-BQ20851-V1P2 Datasheet
467Kb / 53P
[Old version datasheet]   SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
BQ2085DBT-V1P2 TI1-BQ2085DBT-V1P2 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
More results

Similar Description - BQ2085

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085-V1P3 TI-BQ2085-V1P3 Datasheet
553Kb / 57P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ20851 TI-BQ20851 Datasheet
467Kb / 53P
[Old version datasheet]   SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
BQ2083-V1P3 TI1-BQ2083-V1P3 Datasheet
534Kb / 56P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083 TI1-BQ2083 Datasheet
477Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P2 TI-BQ2083-V1P2 Datasheet
470Kb / 55P
[Old version datasheet]   SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com