Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1396 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1396
Description  Single/Dual Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1396 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1396 Datasheet HTML 6Page - Linear Technology LT1396 Datasheet HTML 7Page - Linear Technology LT1396 Datasheet HTML 8Page - Linear Technology LT1396 Datasheet HTML 9Page - Linear Technology LT1396 Datasheet HTML 10Page - Linear Technology LT1396 Datasheet HTML 11Page - Linear Technology LT1396 Datasheet HTML 12Page - Linear Technology LT1396 Datasheet HTML 13Page - Linear Technology LT1396 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1818/LT1819
18189f
APPLICATIO S I FOR ATIO
Layout and Passive Components
As with all high speed amplifiers, the LT1818/LT1819
require some attention to board layout. A ground plane is
recommended and trace lengths should be minimized,
especially on the negative input lead.
Low ESL/ESR bypass capacitors should be placed directly
at the positive and negative supply (0.01
µF ceramics are
recommended). For high drive current applications, addi-
tional 1
µF to 10µF tantalums should be added.
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input combine with the
input capacitance to form a pole that can cause peaking or
even oscillations. If feedback resistors greater than 500
are used, a parallel capacitor of value
CF > RG • CIN/RF
should be used to cancel the input pole and optimize
dynamic performance (see Figure 1). For applications
where the DC noise gain is 1 and a large feedback resistor
is used, CF should be greater than or equal to CIN. An
example would be an I-to-V converter.
In high closed-loop gain configurations, RF >> RG, and no
CF need to be added. To optimize the bandwidth in these
applications, a capacitance, CG, may be added in parallel
with RG in order to cancel out any parasitic CF capacitance.
Capacitive Loading
The LT1818/LT1819 are optimized for low distortion and
high gain bandwidth applications. The amplifiers can drive
a capacitive load of 20pF in a unity-gain configuration and
more with higher gain. When driving a larger capacitive
load, a resistor of 10
Ω to 50Ω must be connected between
the output and the capacitive load to avoid ringing or
oscillation (see RS in Figure 1). The feedback must still be
taken directly from the output so that the series resistor
will isolate the capacitive load to ensure stability.
Input Considerations
The inputs of the LT1818/LT1819 amplifiers are con-
nected to the bases of NPN and PNP bipolar transistors
in parallel. The base currents are of opposite polarity and
provide first order bias current cancellation. Due to
variation in the matching of NPN and PNP beta, the
polarity of the input bias current can be positive or
negative. The offset current, however, does not depend
on beta matching and is tightly controlled. Therefore, the
use of balanced source resistance at each input is recom-
mended for applications where DC accuracy must be
maximized. For example, with a 100
Ω source resistance
at each input, the 800nA maximum offset current results
in only 80
µV of extra offset, while without balance the
8
µA maximum input bias current could result in an
0.8mV offset condition.
The inputs can withstand differential input voltages of up
to 6V without damage and without needing clamping or
series resistance for protection. This differential input
voltage generates a large internal current (up to 50mA),
which results in the high slew rate. In normal transient
closed-loop operation, this does not increase power dis-
sipation significantly because of the low duty cycle of the
transient inputs. Sustained differential inputs, however,
will result in excessive power dissipation and therefore
this device should not be used as a comparator.
+
18189 F01
CLOAD
RS
RF
CF
RG
IN
IN+
CG
Figure 1


Similar Part No. - LT1396

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1396 LINER-LT1396 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396CDD LINER-LT1396CDD Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396CDD-PBF LINER-LT1396CDD-PBF Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396CDD-TR LINER-LT1396CDD-TR Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
More results

Similar Description - LT1396

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com