Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1676 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1676
Description  Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1676 Datasheet HTML 7Page - Linear Technology LT1676 Datasheet HTML 8Page - Linear Technology LT1676 Datasheet HTML 9Page - Linear Technology LT1676 Datasheet HTML 10Page - Linear Technology LT1676 Datasheet HTML 11Page - Linear Technology LT1676 Datasheet HTML 12Page - Linear Technology LT1676 Datasheet HTML 13Page - Linear Technology LT1676 Datasheet HTML 14Page - Linear Technology LT1676 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LT1766/LT1766-5
1766fa
materials fall somewhere in between. The following for-
mula assumes continuous mode of operation, but errs
only slightly on the high side for discontinuous mode, so
it can be used for all conditions.
II
I
I
VV
V
Vf L
PEAK
OUT
LP P
OUT
OUT
IN
OUT
IN
=+
=+ ()(
)
()( )( )()
()
-
2
2
EMI
Decide if the design can tolerate an “open” core geometry
like a rod or barrel, which have high magnetic field
radiation, or whether it needs a closed core like a toroid to
prevent EMI problems. This is a tough decision because
the rods or barrels are temptingly cheap and small and
there are no helpful guidelines to calculate when the
magnetic field radiation will be a problem.
Additional Considerations
After making an initial choice, consider additional factors
such as core losses and second sourcing, etc. Use the
experts in Linear Technology’s Applications department if
you feel uncertain about the final choice. They have
experience with a wide range of inductor types and can tell
you about the latest developments in low profile, surface
mounting, etc.
Maximum Output Load Current
Maximum load current for a buck converter is limited by
the maximum switch current rating (IP). The current rating
for the LT1766 is 1.5A. Unlike most current mode convert-
ers, the LT1766 maximum switch current limit does not
fall off at high duty cycles. Most current mode converters
suffer a drop off of peak switch current for duty cycles
above 50%. This is due to the effects of slope compensa-
tion required to prevent subharmonic oscillations in cur-
rent mode converters. (For detailed analysis, see Applica-
tion Note 19.)
The LT1766 is able to maintain peak switch current limit over
the full duty cycle range by using patented circuitry* to cancel
the effects of slope compensation on peak switch current
without affecting the frequency compensation it provides.
APPLICATIO S I FOR ATIO
Maximum load current would be equal to maximum
switch current
for an infinitely large inductor, but with
finite inductor size, maximum load current is reduced by
one-half peak-to-peak inductor current (ILP-P). The follow-
ing formula assumes continuous mode operation, imply-
ing that the term on the right is less than one-half of IP.
IOUT(MAX) =
Continuous Mode
I–
I
2
= I
P
LP-P
P
+
()
()
()( )( )
VV
V
V
V
Lf V
OUT
F
IN
OUT
F
IN
2
For VOUT = 5V, VIN = 8V, VF(D1) = 0.63V, f = 200kHz and
L = 20
µH:
I
A
OUT MAX
()
=−
+
()
()
()(
)()
=−
=
15
5 0 63 8 5 0 63
2 20 10
200 10
8
15
0 21 1 29
63
.
.– .
••
..
.
Note that there is less load current available at the higher
input voltage because inductor ripple current increases. At
VIN = 15V, duty cycle is 33% and for the same set of
conditions:
I
A
OUT MAX
()
.
.– .
••
..
.
=−
+
()
()
()(
)()
=−
=
15
5 0 63 15 5 0 63
2 20 10
200 10
15
15 044
1 06
63
To calculate actual peak switch current with a given set of
conditions, use:
II
I
VV V
V
V
Lf V
SW PEAK
OUT
P
OUT
OUT
F
IN
OUT
F
IN
() =+
=+
+−
()
()( )( )
I
2
L-P
()
2
Reduced Inductor Value and Discontinuous Mode
If the smallest inductor value is of most importance to a
converter design, in order to reduce inductor size/cost,
discontinuous mode may yield the smallest inductor solu-
tion. The maximum output load current in discontinuous
mode, however, must be calculated and is defined later in
this section.
*Patent # 6, 498, 466


Similar Part No. - LT1676

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1676 LINER-LT1676 Datasheet
135Kb / 16P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
LT1676 LINER-LT1676 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1676 LINER-LT1676 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1676C LINER-LT1676C Datasheet
135Kb / 16P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
LT1676CN8 LINER-LT1676CN8 Datasheet
135Kb / 16P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
More results

Similar Description - LT1676

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com