Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3373 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3373
Description  Switching Regulator and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3373 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3373 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3373 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3373
2002-09-02
5
rth - tw
Safe operating area
EAS - Tch
Pulse width tw (S)
Channel temperature (initial) Tch (°C)
-15 V
15 V
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 W
VDD = 90 V, L = 48.4 mH
÷
÷
ø
ö
ç
ç
è
æ
-
×
×
×
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
0.01
0.1
1
3
0.3
0.03
10
m
100
m
1 m
10 m
100 m
1
T
PDM
t
Duty
= t/T
Rth (ch-c) = 6 25°C/W
Duty
= 0.5
0 2
0.1
Single Pulse
0.05
0.02
0.01
10
Drain-source voltage VDS (V)
0
25
40
80
120
200
160
50
75
100
125
150
00.1
1
0.1
1
10
30
10
100
1000
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (continuous)
ID max (pulsed) *
100
ms *
DC operation
Tc
= 25°C
1 ms *
VDSS max
3
00 3
0 3
ID max (pulsed) *


Similar Part No. - 2SK3373

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3373 TOSHIBA-2SK3373 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
204Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3373 VBSEMI-2SK3373 Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
2SK3373 ISC-2SK3373 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3373

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com