Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1E685K Datasheet(PDF) 2 Page - TDK Electronics

Part # C3225X5R1E685K
Description  General Multilayer Ceramic Chip Capacitors C Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225X5R1E685K Datasheet(HTML) 2 Page - TDK Electronics

  C3225X5R1E685K Datasheet HTML 1Page - TDK Electronics C3225X5R1E685K Datasheet HTML 2Page - TDK Electronics C3225X5R1E685K Datasheet HTML 3Page - TDK Electronics C3225X5R1E685K Datasheet HTML 4Page - TDK Electronics C3225X5R1E685K Datasheet HTML 5Page - TDK Electronics C3225X5R1E685K Datasheet HTML 6Page - TDK Electronics C3225X5R1E685K Datasheet HTML 7Page - TDK Electronics C3225X5R1E685K Datasheet HTML 8Page - TDK Electronics C3225X5R1E685K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
(2/15)
002-05 / 20041014 / e412_c
• All specifications are subject to change without notice.
C0603 (EIA CC0201) TYPE
SHAPES AND DIMENSIONS
CAPACITANCE RANGES: CLASS 1
TEMPERATURE CHARACTERISTICS:
JIS CH(0±60ppm/°C), EIA C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 50V
• Part number for temperature characteristic C0G
Please substitute "C0G" for "CH" in the part number when ordering.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS:
JIS B(BJ)(±10%), EIA X5R/X7R(±15%)
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
RATED VOLTAGE Edc: 10V
• Part number for temperature characteristic X5R or X7R
Please substitute "X5R" or "X7R" for "JB" in the part number when
ordering.
TEMPERATURE CHARACTERISTICS:
JIS B(BJ)(±10%), EIA X5R(±15%)
RATED VOLTAGE Edc: 6.3V
• Part number for temperature characteristic X5R
Please substitute "X5R" for "JB" in the part number when ordering.
TEMPERATURE CHARACTERISTICS:
JIS F(FJ)(+30, –80%), EIA Y5V(+22, –82%)
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
• Part number for temperature characteristic Y5V
Please substitute "Y5V" for "JF" in the part number when ordering.
• For more information about the products of other capacitance or data,
please contact us.
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
0.5
±0.25pF
0.3±0.03
C0603CH1H0R5C
0.75
±0.25pF
0.3±0.03
C0603CH1HR75C
1
±0.25pF
0.3±0.03
C0603CH1H010C
1.5
±0.25pF
0.3±0.03
C0603CH1H1R5C
2
±0.25pF
0.3±0.03
C0603CH1H020C
3
±0.25pF
0.3±0.03
C0603CH1H030C
4
±0.25pF
0.3±0.03
C0603CH1H040C
5
±0.25pF
0.3±0.03
C0603CH1H050C
6
±0.5pF
0.3±0.03
C0603CH1H060D
7
±0.5pF
0.3±0.03
C0603CH1H070D
8
±0.5pF
0.3±0.03
C0603CH1H080D
9
±0.5pF
0.3±0.03
C0603CH1H090D
10
±0.5pF
0.3±0.03
C0603CH1H100D
12
±5%
0.3±0.03
C0603CH1H120J
15
±5%
0.3±0.03
C0603CH1H150J
18
±5%
0.3±0.03
C0603CH1H180J
22
±5%
0.3±0.03
C0603CH1H220J
27
±5%
0.3±0.03
C0603CH1H270J
33
±5%
0.3±0.03
C0603CH1H330J
39
±5%
0.3±0.03
C0603CH1H390J
47
±5%
0.3±0.03
C0603CH1H470J
56
±5%
0.3±0.03
C0603CH1H560J
68
±5%
0.3±0.03
C0603CH1H680J
82
±5%
0.3±0.03
C0603CH1H820J
100
±5%
0.3±0.03
C0603CH1H101J
0.15±0.05
0.6±0.03
0.2min.
Dimensions in mm
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
100
±10%
0.3±0.03
C0603JB1H101K
150
±10%
0.3±0.03
C0603JB1H151K
220
±10%
0.3±0.03
C0603JB1H221K
330
±10%
0.3±0.03
C0603JB1H331K
470
±10%
0.3±0.03
C0603JB1H471K
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
680
±10%
0.3±0.03
C0603JB1E681K
1,000
±10%
0.3±0.03
C0603JB1E102K
1,500
±10%
0.3±0.03
C0603JB1E152K
2,200
±10%
0.3±0.03
C0603JB1E222K
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
3,300
±10%
0.3±0.03
C0603JB1C332K
4,700
±10%
0.3±0.03
C0603JB1C472K
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
6,800
±10%
0.3±0.03
C0603JB1A682K
10,000
±10%
0.3±0.03
C0603JB1A103K
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
22,000
±10%
0.3±0.03
C0603JB0J223K
47,000
±10%
0.3±0.03
C0603JB0J473K
68,000
±10%
0.3±0.03
C0603JB0J683K
100,000
±10%
0.3±0.03
C0603JB0J104K
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
1,000
+80, –20%
0.3±0.03
C0603JF1E102Z
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
10,000
+80, –20%
0.3±0.03
C0603JF1C103Z


Similar Part No. - C3225X5R1E685K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X5R1E685K250AA TDK-C3225X5R1E685K250AA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C3225X5R1E685K250AA TDK-C3225X5R1E685K250AA_17 Datasheet
234Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3225X5R1E685K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com