Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1H225K Datasheet(PDF) 1 Page - TDK Electronics

Part # C3225X5R1H225K
Description  General Multilayer Ceramic Chip Capacitors C Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225X5R1H225K Datasheet(HTML) 1 Page - TDK Electronics

  C3225X5R1H225K Datasheet HTML 1Page - TDK Electronics C3225X5R1H225K Datasheet HTML 2Page - TDK Electronics C3225X5R1H225K Datasheet HTML 3Page - TDK Electronics C3225X5R1H225K Datasheet HTML 4Page - TDK Electronics C3225X5R1H225K Datasheet HTML 5Page - TDK Electronics C3225X5R1H225K Datasheet HTML 6Page - TDK Electronics C3225X5R1H225K Datasheet HTML 7Page - TDK Electronics C3225X5R1H225K Datasheet HTML 8Page - TDK Electronics C3225X5R1H225K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
(1/15)
002-05 / 20041014 / e412_c
• All specifications are subject to change without notice.
General Multilayer Ceramic Chip Capacitors
C Series
FEATURES
• High capacitance has been achieved through precision
technologies that enable the use of multiple thinner ceramic
dielectric layers.
• A monolithic structure ensures superior mechanical strength and
reliability.
• High-accuracy automatic mounting is facilitated through the
maintenance of very precise dimensional tolerances.
• Composed of only ceramics and metals, these capacitors
provide extremely dependable performance, exhibiting virtually
no degradation even when subjected to temperature extremes.
• Low stray capacitance ensures high conformity with nominal
values, thereby simplifying the circuit design process.
• Low residual inductance assures superior frequency
characteristics.
• Because electrostatic capacity has been obtained up to the
electrolytic capacitor range, these capacitors offer long service
life and are optimally suited for power supply designs that
require high levels of reliability.
• Owing to their low ESR and excellent frequency characteristics,
these products are optimally suited for high frequency and high-
density type power supplies.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Capacitance temperature characteristics
Class 1 (Temperature compensation)
Class 2
*JB(JIS: BJ), JF(JIS: FJ)
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
R designates a decimal point.
(6) Capacitance tolerance
(7) Packaging style
C0603 CH 1H 100 D
(1) (2)
(3) (4) (5) (6) (7)
0603
0.6
×0.3mm
1005
1.0
×0.5mm
1608
1.6
×0.8mm
2012
2.0
×1.25mm
3216
3.2
×1.6mm
3225
3.2
×2.5mm
4532
4.5
×3.2mm
5750
5.7
×5.0mm
Temperature
characteristics
Capacitance change
Temperature range
CH
0±60ppm/°C
–25 to +85°C
C0G
0±30ppm/°C
–55 to +125°C
SL
+350 to –1000ppm/°C
+20 to +85°C
Temperature
characteristics
Capacitance change
Temperature range
B(JB*)
±10%
–25 to +85°C
F(JF*)
+30, –80%
–25 to +85°C
X7R
±15%
–55 to +125°C
X5R
±15%
–55 to +85°C
Y5V
+22, –82%
–30 to +85°C
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
010
1pF
100
10pF
102
1,000pF
0R5
0.5pF
Symbol
Tolerance
Applicable capacitance
range
C
±0.25pF
10pF or less
D
±0.5pF
J±5%
Over 10pF
K±10%
M±20%
Z
+80, –20%
T
Taping (reel)
BBulk


Similar Part No. - C3225X5R1H225K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X5R1H225K250AB TDK-C3225X5R1H225K250AB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C3225X5R1H225K250AB TDK-C3225X5R1H225K250AB_17 Datasheet
234Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3225X5R1H225K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com