Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-P Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HA-P
Description  Silicon Epitaxial Planar Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA-P Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HA-P Datasheet HTML 1Page - Hitachi Semiconductor HA-P Datasheet HTML 2Page - Hitachi Semiconductor HA-P Datasheet HTML 3Page - Hitachi Semiconductor HA-P Datasheet HTML 4Page - Hitachi Semiconductor HA-P Datasheet HTML 5Page - Hitachi Semiconductor HA-P Datasheet HTML 6Page - Hitachi Semiconductor HA-P Datasheet HTML 7Page - Hitachi Semiconductor HA-P Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HZ-P Series
Rev.4, Sep. 2000, page 6 of 8
Ta = 25
°C
nonrepetitive
t
PRSM
Time t
(s)
10
10
1.0
10
10
1.0
10
10
10
10
10
4
3
2
-5
-4
-3
-2
-1
HZ3.0BP
HZ18BP
HZ36BP
Fig.4 Surge Reverse Power Ratings (Reference Data)
Fig.5 Transient Thermal Impedance
Time t
(s)
10−3
10−2
10 −1
1.0
10
102
103
103
102
10
1.0
HZ2.7BP
HZ36BP
HZ18BP
10mm
10mm
Infinite Heat Sink Plate


Similar Part No. - HA-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA-003 ETC2-HA-003 Datasheet
392Kb / 2P
   10/100 BASE TRANSFORMERS DESIGNED FOR NS CHIPSETS
logo
Axiomtek Co., Ltd.
HA-084-AHC AXIOMTEK-HA-084-AHC Datasheet
165Kb / 1P
   High brightness open frame LCD monitor
HA-084-AHG AXIOMTEK-HA-084-AHG Datasheet
165Kb / 1P
   High brightness open frame LCD monitor
HA-084-AHI AXIOMTEK-HA-084-AHI Datasheet
165Kb / 1P
   High brightness open frame LCD monitor
HA-084-AHP AXIOMTEK-HA-084-AHP Datasheet
165Kb / 1P
   High brightness open frame LCD monitor
More results

Similar Description - HA-P

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com