Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSO28 Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # SSO28
Description  DECT RF / IF IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SSO28 Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button SSO28 Datasheet HTML 3Page - TEMIC Semiconductors SSO28 Datasheet HTML 4Page - TEMIC Semiconductors SSO28 Datasheet HTML 5Page - TEMIC Semiconductors SSO28 Datasheet HTML 6Page - TEMIC Semiconductors SSO28 Datasheet HTML 7Page - TEMIC Semiconductors SSO28 Datasheet HTML 8Page - TEMIC Semiconductors SSO28 Datasheet HTML 9Page - TEMIC Semiconductors SSO28 Datasheet HTML 10Page - TEMIC Semiconductors SSO28 Datasheet HTML 11Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
U2761B
Preliminary Information
TEMIC Semiconductor
Rev. A4, 10-Mar-98
9 (11)
25
DEMOD_OUT
14672
VS
Figure 17.
26
OP_N
27
OP_P
VS
14673
Figure 18.
17
MIXER_OUT1
14748
18
MIXER_OUT2
Figure 19.


Similar Part No. - SSO28

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
SSO256GTTC7-SBD-4A ADLINK-SSO256GTTC7-SBD-4A Datasheet
298Kb / 3P
   M.2 2280 SATA SSD for Industrial Embedded Applications
More results

Similar Description - SSO28

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP361 SIPAT-SP361 Datasheet
123Kb / 1P
   DECT First IF Filters
logo
EPCOS
B5232 EPCOS-B5232 Datasheet
76Kb / 8P
   SAW IF filter DECT
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
   3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
   3.6V 0.5W RF Power Amplifier IC for DECT
logo
SIPAT Co,Ltd
SP1106 SIPAT-SP1106 Datasheet
60Kb / 1P
   DECT First IF Filters
SP361 SIPAT-SP361 Datasheet
124Kb / 1P
   DECT First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
   DECT First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
   DECT First IF Filters
SP903 SIPAT-SP903 Datasheet
32Kb / 1P
   DECT RF Filters
SP959B SIPAT-SP959B Datasheet
44Kb / 1P
   DECT RF Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com