Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216JB1H684M Datasheet(PDF) 8 Page - TDK Electronics

Part # C3216JB1H684M
Description  General Multilayer Ceramic Chip Capacitors C Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216JB1H684M Datasheet(HTML) 8 Page - TDK Electronics

Back Button C3216JB1H684M Datasheet HTML 4Page - TDK Electronics C3216JB1H684M Datasheet HTML 5Page - TDK Electronics C3216JB1H684M Datasheet HTML 6Page - TDK Electronics C3216JB1H684M Datasheet HTML 7Page - TDK Electronics C3216JB1H684M Datasheet HTML 8Page - TDK Electronics C3216JB1H684M Datasheet HTML 9Page - TDK Electronics C3216JB1H684M Datasheet HTML 10Page - TDK Electronics C3216JB1H684M Datasheet HTML 11Page - TDK Electronics C3216JB1H684M Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
(8/15)
002-05 / 20041014 / e412_c
• All specifications are subject to change without notice.
TEMPERATURE CHARACTERISTICS: EIA X5R/X7R(±15%)
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
• Part number for temperature characteristic X7R
Please substitute "X7R" for "X5R" in the part number when ordering.
TEMPERATURE CHARACTERISTICS: EIA X5R(±15%)
RATED VOLTAGE Edc: 10V
RATED VOLTAGE Edc: 6.3V
TEMPERATURE CHARACTERISTICS:
JIS F(FJ)(+30, –80%), EIA Y5V(+22, –82%)
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
RATED VOLTAGE Edc: 10V
RATED VOLTAGE Edc: 6.3V
• Part number for temperature characteristic Y5V
Please substitute "Y5V" for "JF" in the part number when ordering.
• For more information about the products of other capacitance or data,
please contact us.
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
1,000,000
[1µF]
±10%
1.25±0.2
C2012X5R1E105K
±20%
1.25±0.2
C2012X5R1E105M
1,500,000
±10%
1.25±0.2
C2012X5R1E155K
±20%
1.25±0.2
C2012X5R1E155M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
1,000,000
[1µF]
±10%
0.85±0.15
C2012X5R1C105K
±20%
0.85±0.15
C2012X5R1C105M
1,500,000
±10%
1.25±0.2
C2012X5R1C155K
±20%
1.25±0.2
C2012X5R1C155M
2,200,000
±10%
1.25±0.2
C2012X5R1C225K
±20%
1.25±0.2
C2012X5R1C225M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
1,500,000
[1.5µF]
±10%
0.85±0.15
C2012X5R1A155K
±20%
0.85±0.15
C2012X5R1A155M
2,200,000
±10%
1.25±0.2
C2012X5R1A225K
±20%
1.25±0.2
C2012X5R1A225M
3,300,000
±10%
1.25±0.2
C2012X5R1A335K
±20%
1.25±0.2
C2012X5R1A335M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
2,200,000
[2.2µF]
±10%
0.85±0.15
C2012X5R0J225K
±20%
0.85±0.15
C2012X5R0J225M
3,300,000
±10%
0.85±0.15
C2012X5R0J335K
±20%
0.85±0.15
C2012X5R0J335M
4,700,000
±10%
0.85±0.15
C2012X5R0J475K
±20%
0.85±0.15
C2012X5R0J475M
6,800,000
±10%
1.25±0.2
C2012X5R0J685K
±20%
1.25±0.2
C2012X5R0J685M
10,000,000
±10%
1.25±0.2
C2012X5R0J106K
±20%
1.25±0.2
C2012X5R0J106M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
470,000
+80, –20%
0.85±0.15
C2012JF1H474Z
1,000,000
[1µF]
+80, –20%
1.25±0.15
C2012JF1H105Z
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
2,200,000
[2.2µF]
+80, –20%
1.25±0.15
C2012JF1E225Z
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
4,700,000
[4.7µF]
+80, –20%
1.25±0.2
C2012JF1C475Z
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
10,000,000
[10µF]
+80, –20%
1.25±0.2
C2012JF1A106Z
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
22,000,000
[22µF]
+80, –20%
1.25±0.2
C2012JF0J226Z


Similar Part No. - C3216JB1H684M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216JB1H685K160AB TDK-C3216JB1H685K160AB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C3216JB1H685K160AB TDK-C3216JB1H685K160AB_17 Datasheet
228Kb / 3P
   Multilayer Ceramic Chip Capacitors
C3216JB1H685M160AB TDK-C3216JB1H685M160AB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C3216JB1H685M160AB TDK-C3216JB1H685M160AB_17 Datasheet
228Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216JB1H684M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com