Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3617-50 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3617-50
Description  BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3617-50 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3617-50 Datasheet HTML 7Page - Texas Instruments TPS3617-50 Datasheet HTML 8Page - Texas Instruments TPS3617-50 Datasheet HTML 9Page - Texas Instruments TPS3617-50 Datasheet HTML 10Page - Texas Instruments TPS3617-50 Datasheet HTML 11Page - Texas Instruments TPS3617-50 Datasheet HTML 12Page - Texas Instruments TPS3617-50 Datasheet HTML 13Page - Texas Instruments TPS3617-50 Datasheet HTML 14Page - Texas Instruments TPS3617-50 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TPS361750
BATTERY BACKUP SUPERVISOR
FOR RAM RETENTION
SLVS339B – DECEMBER 2000 – REVISED DECEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0
5
10
15
20
25
30
012
3
456
TA = –40°C
TA = 25°C
TA = 85°C
TA = 0°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
VBAT Mode
VBAT = 2.6 V
VDD Mode
VBAT = GND
or
Figure 6
0.995
0.996
0.997
0.998
0.999
1
1.001
–40 –30 –20 –10 0 10 203040 5060 7080
INPUT THRESHOLD VOLTAGE AT RESET
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
Figure 7
0
1
2
3
4
5
6
–35
–30
–25
–20
–15
–10
–50
TA = –40°C
TA = 85°C
TA = 0°C
TA = 25°C
HIGH-LEVEL OUTPUT VOLTAGE AT RESET
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
VDD = 5 V
VBAT = GND


Similar Part No. - TPS3617-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617-50DGK TI1-TPS3617-50DGK Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617-50DGKG4 TI1-TPS3617-50DGKG4 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617-50DGKR TI1-TPS3617-50DGKR Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
More results

Similar Description - TPS3617-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com