Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFM240 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFM240
Description  POWER MOSFET THRU-HOLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFM240 Datasheet(HTML) 1 Page - International Rectifier

  IRFM240 Datasheet HTML 1Page - International Rectifier IRFM240 Datasheet HTML 2Page - International Rectifier IRFM240 Datasheet HTML 3Page - International Rectifier IRFM240 Datasheet HTML 4Page - International Rectifier IRFM240 Datasheet HTML 5Page - International Rectifier IRFM240 Datasheet HTML 6Page - International Rectifier IRFM240 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
18
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
11
IDM
Pulsed Drain Current ➀
72
PD @ TC = 25°C
Max. Power Dissipation
125
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
450
mJ
IAR
Avalanche Current ➀
18
A
EAR
Repetitive Avalanche Energy ➀
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( 0.063 in.(1.6mm) from case for 10s)
Weight
2.6 (Typical)
g
PD - 90555D
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state re-
sistance combined with high transconductance.
HEXFET
transistors also feature all of the well-established advan-
tages of MOSFETs, such as voltage control, very fast switch-
ing, ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, choppers,
audio amplifiers, high energy pulse circuits, and virtually
any application where high reliability is required.
The
HEXFET transistor’s totally isolated package eliminates the
need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
oC
A
POWER MOSFET
THRU-HOLE (TO-254AA)
1/29/02
www.irf.com
1
TO-254AA
Product Summary
Part Number
RDS(on)
ID
IRFM240
0.18
18A
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Dynamic dv/dt Rating
n Light-weight
For footnotes refer to the last page
IRFM240
JANTX2N7219
JANTXV2N7219
REF:MIL-PRF-19500/596
200V, N-CHANNEL
HEXFET
®
MOSFETTECHNOLOGY


Similar Part No. - IRFM240

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFM240 SEME-LAB-IRFM240 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFM240 NJSEMI-IRFM240 Datasheet
854Kb / 3P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM240 IRF-IRFM240 Datasheet
241Kb / 7P
   Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFM240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM350 IRF-IRFM350 Datasheet
203Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRHF7110 IRF-IRHF7110 Datasheet
460Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57264SE IRF-IRHM57264SE Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
logo
New Jersey Semi-Conduct...
IRFM250 NJSEMI-IRFM250 Datasheet
614Kb / 2P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM7150 IRF-IRHM7150 Datasheet
444Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHMS57Z60 IRF-IRHMS57Z60 Datasheet
118Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRFG110 IRF-IRFG110 Datasheet
221Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
IRHM93260 IRF-IRHM93260 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHY67434CM IRF-IRHY67434CM Datasheet
199Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com