Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8530AEEVEFX31 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8530AEEVEFX31
Description  Micropower UP Watch Dog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8530AEEVEFX31 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8530AEEVEFX31 Datasheet HTML 5Page - Analog Microelectronics AME8530AEEVEFX31 Datasheet HTML 6Page - Analog Microelectronics AME8530AEEVEFX31 Datasheet HTML 7Page - Analog Microelectronics AME8530AEEVEFX31 Datasheet HTML 8Page - Analog Microelectronics AME8530AEEVEFX31 Datasheet HTML 9Page - Analog Microelectronics AME8530AEEVEFX31 Datasheet HTML 10Page - Analog Microelectronics AME8530AEEVEFX31 Datasheet HTML 11Page - Analog Microelectronics AME8530AEEVEFX31 Datasheet HTML 12Page - Analog Microelectronics AME8530AEEVEFX31 Datasheet HTML 13Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AME, Inc.
11
AME8510 / 8520 / 8530
Micropower
µµµµµP Watch Dog Timer
Reset Time vs. Temperature
I
DD vs. Temperature
Reset V
TH vs. Temperature
Glitch Rejection
Reset VOL vs. Temperature
Glitch Amplitude (V)
0
20
40
60
80
100
120
140
0.01
0.1
1
190
195
200
205
210
215
220
-45
-5
25
55
85
115
Temperature (oC)
V
th=2.63V
Temperature (oC)
2.10
2.15
2.20
2.25
2.30
2.35
-45
-5
25
55
85
115
V
th=2.63V
2.630
2.632
2.634
2.636
2.638
2.640
2.642
2.644
2.646
2.648
2.650
-45
-5
25
55
85
115
Temperature (oC)
V
th=2.63V
0.220
0.225
0.230
0.235
0.240
0.245
0.250
0.255
0.260
0.265
-45
-5
25
55
85
115
Temperature (oC)
V
th=2.63V


Similar Part No. - AME8530AEEVEFX31

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8530 AME-AME8530 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
More results

Similar Description - AME8530AEEVEFX31

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
   3 1/2 Digit Timer Watch
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com