Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5811 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATA5811
Description  UHF ASK/FSK TRANSCEIVER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5811 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATA5811 Datasheet HTML 46Page - ATMEL Corporation ATA5811 Datasheet HTML 47Page - ATMEL Corporation ATA5811 Datasheet HTML 48Page - ATMEL Corporation ATA5811 Datasheet HTML 49Page - ATMEL Corporation ATA5811 Datasheet HTML 50Page - ATMEL Corporation ATA5811 Datasheet HTML 51Page - ATMEL Corporation ATA5811 Datasheet HTML 52Page - ATMEL Corporation ATA5811 Datasheet HTML 53Page - ATMEL Corporation ATA5811 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
50
ATA5811/ATA5812 [Preliminary]
4689B–RKE–04/04
Figure 40. Flow Chart Polling Mode/RX Mode (T_MODE = 1, Transparent Mode Inactive)
Sleep mode:
All circuits for analog signal processing are disabled. Only XTO and Polling logic
is enabled.
Output level on pin RX_ACTIVE -> Low; I
S = IIDLE_X
T
Sleep = Sleep × 1024 × TDCLK × XSleep
Start-up signal processing:
The signal processing circuit are enabled.
Output level on pin RX_ACTIVE -> High; I
S = IRX_X
T
Startup_Sig_Proc
Bit-check mode:
The incomming data stream is analyzed. If the timing indicates a valid transmitter
signal, the control bits VSOUT_EN, CLK_ON and OPM0 are set to 1 and the
transceiver is set to receiving mode. Otherwise it is set to Sleep mode or to
Start-up mode.
Output level on Pin RX_ACTIVE -> High
I
S = IRX_X
T
Bit-check
Receiving mode:
The incomming data stream is passed via the TX/RX Data Buffer to the
connected microcontroller. If an bit error occurs the transceiver is set back to
Start-up mode.
Output level on pin RX_ACTIVE -> High
I
S = IRX_X
Start-up PLL:
The PLL is enabled and locked.
Output level on pin RX_ACTIVE -> High; I
S = IStartup_PLL_X ;TStartup_PLL
Start-up mode:
OPM0 = 1
?
Bit check
OK ?
YES
NO
NO
YES
Set VSOUT_EN = 1
Set CLK_ON = 1
Set OPM0 = 1
Start bit
detected ?
YES
Sleep:
Defined by bits Sleep0 to Sleep4 in Control
Register 4
X
Sleep:
Defined by bit XSleep in Control Register 4
T
DCLK:
Basic clock cycle
T
Startup_PLL:798.5 × TDCLK (typ)
T
Startup_Sig_Proc:882 × TDCLK
(BR_Range 0)
498
× T
DCLK
(BR_Range 1)
306
× T
DCLK
(BR_Range 2)
210
× T
DCLK
(BR_Range 3)
Is defined by the selected baud rate range and
T
DCLK. The baud-rate range is defined by bit
Baud0 and Baud1 in Control Register 6.
T
Bit-check:
Depends on the result of the bit check.
If the bit check is ok, T
Bit-check depends on the
number of bits to be checked (N
Bit-check) and
on the utilized data rate.
If the bit check fails, the average time period for
that check depends on the selected baud-rate
range and on T
XDCLK. The baud-rate range is
defined by bit Baud0 and Baud1 in Control
Register 6.
P_MODE = 0
?
YES
Set IRQ
NO
Start RX Polling Mode
Start RX Mode
RX data stream is
written into the TX/RX
Data Buffer
Bit error ?
YES
T
SLEEP = 0
?
NO
YES
NO
NO
If the transceiver detects a bit error after a
successful bit check and before the start bit is
detected pin IRQ will be set to high (only if
P_MODE=0) and the transceiver is set back to
start-up mode.


Similar Part No. - ATA5811

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK Transceiver
ATA5811-PLQW ATMEL-ATA5811-PLQW Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5811 ATMEL-ATA5811_97 Datasheet
1Mb / 90P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA5811

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com