Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5811 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATA5811
Description  UHF ASK/FSK TRANSCEIVER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5811 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATA5811 Datasheet HTML 21Page - ATMEL Corporation ATA5811 Datasheet HTML 22Page - ATMEL Corporation ATA5811 Datasheet HTML 23Page - ATMEL Corporation ATA5811 Datasheet HTML 24Page - ATMEL Corporation ATA5811 Datasheet HTML 25Page - ATMEL Corporation ATA5811 Datasheet HTML 26Page - ATMEL Corporation ATA5811 Datasheet HTML 27Page - ATMEL Corporation ATA5811 Datasheet HTML 28Page - ATMEL Corporation ATA5811 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
25
ATA5811/ATA5812 [Preliminary]
4689B–RKE–04/04
The variable FREQ depends on FREQ2 and FREQ3, which are defined by the bits FR0
to FR8 in control register 2 and 3 and is calculated as follows:
FREQ = 3584 + FREQ2 + FREQ3
Only the range of FREQ = 3803 to 4053 of this register should be used because other-
wise harmonics of f
XTO and fCLK can cause interference with the received signals
(FREQ_min = 3803, FREQ_max = 4053). The resulting tuning range is ±118 ppm at
868.3 MHz and more than ±150 ppm at 433.92 MHz or 315 MHz.
Pin CLK
Pin CLK is an output to clock a connected microcontroller. The clock frequency f
CLK is
calculated as follows:
Because the enabling of pin CLK is asynchronous the first clock cycle may be incom-
plete. The signal at CLK output has a nominal 50% duty cycle.
Figure 20. Clock Timing
Basic Clock Cycle of the
Digital Circuitry
The complete timing of the digital circuitry is derived from one clock. According to
Figure 19 on page 24, this clock cycle TDCLK is derived from the crystal oscillator (XTO)
in combination with a divider.
TDCLK controls the following application relevant parameters:
Timing of the polling circuit including Bit-check
TX baud rate
The clock cycle of the Bit-check and the TX baud rate depends on the selected baud-
rate range (BR_Range) which is defined in control register 6 (see Table 33 on page 38)
and XLim which is defined in control register 4 (see Table 26 on page 36). This clock
cycle TXDCLK is defined by the following formulas for further reference:
BR_Range
BR_Range 0: TXDCLK = 8 × TDCLK × XLim
BR_Range 1: TXDCLK = 4 × TDCLK × XLim
BR_Range 2: TXDCLK = 2 × TDCLK × XLim
BR_Range 3: TXDCLK = 1 × TDCLK × XLim
f
CLK
f
XTO
3
-----------
=
N_RESET
CLK_ON
(Control Register 3)
CLK
VSOUT
V
Thres_1 = 2.3 V (typically)
V
Thres_2 = 2.38 V (typically)
f
DCLK
f
XTO
16
-----------
=


Similar Part No. - ATA5811

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811 Datasheet
1Mb / 90P
   UHF ASK/FSK Transceiver
ATA5811-PLQW ATMEL-ATA5811-PLQW Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5811 ATMEL-ATA5811_97 Datasheet
1Mb / 90P
   UHF ASK/FSK Transceiver
More results

Similar Description - ATA5811

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
   UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830N ATMEL-ATA5830N_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
   UHF ASK/FSK Transceiver
ATA5423 ATMEL-ATA5423_07 Datasheet
1Mb / 100P
   UHF ASK/FSK Transceiver
ATA5830 ATMEL-ATA5830_14 Datasheet
862Kb / 24P
   UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510_14 Datasheet
898Kb / 22P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823 Datasheet
1Mb / 98P
   UHF ASK/FSK Transceiver
ATA5823 ATMEL-ATA5823_14 Datasheet
2Mb / 82P
   UHF ASK/FSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com