Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5P21180 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF5P21180
Description  SEMICONDUCTOR TECHNICAL DATA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5P21180 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF5P21180 Datasheet HTML 1Page - Motorola, Inc MRF5P21180 Datasheet HTML 2Page - Motorola, Inc MRF5P21180 Datasheet HTML 3Page - Motorola, Inc MRF5P21180 Datasheet HTML 4Page - Motorola, Inc MRF5P21180 Datasheet HTML 5Page - Motorola, Inc MRF5P21180 Datasheet HTML 6Page - Motorola, Inc MRF5P21180 Datasheet HTML 7Page - Motorola, Inc MRF5P21180 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF5P21180
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
η
2200
5
15
2080
45
40
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 3. 2–Carrier W–CDMA Broadband Performance
VDD 28 Vdc, Pout 38 W (Avg.), IDQ 1600 mA
2 Carrier W CDMA, 10 MHz Carrier Spacing
3.84 MHz Channel Bandwidth
Peak/Avg. 8.5 dB @ 0.01% Probability (CCDF)
30
10
15
20
25
35
14
35
13
30
12
25
11
20
10
20
9
25
8
30
7
35
6
40
2100
2120
2140
2160
2180
300
12.5
15
20
IDQ 2400 mA
2000 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Two–Tone Power Gain versus
Output Power
VDD 28 Vdc
f1 2135 MHz, f2 2145 MHz
Two Tone Measurement, 10 MHz Tone Spacing
800 mA
1600 mA
1200 mA
14.5
14
13.5
13
40
60
80 100
200
300
50
20
20
IDQ 800 mA
2400 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Third Order Intermodulation Distortion
versus Output Power
VDD 28 Vdc
f1 2135 MHz, f2 2145 MHz
Two Tone Measurement, 10 MHz Tone Spacing
25
30
35
40
45
40
60
80 100
200
2000 mA
1200 mA
1600 mA
30
60
20
0.1
7th Order
TWO TONE SPACING (MHz)
Figure 6. Intermodulation Distortion Products
versus Tone Spacing
VDD 28 Vdc, Pout 170 W (PEP), IDQ 1600 mA
Two Tone Measurements, Center Frequency 2140 MHz
25
30
35
40
45
50
55
110
20
5th Order
3rd Order
42
58
30
Actual
P3dB 53.72 dBm (236 W)
Pin, INPUT POWER (dBm)
Figure 7. Pulse CW Output Power versus
Input Power
VDD 28 Vdc, IDQ 1600 mA
Pulsed CW, 5 µsec (on), 1 msec (off)
Center Frequency 2140 MHz
Ideal
P1dB 52.99 dBm (199 W)
56
54
52
50
48
46
44
32
34
36
38
40
42


Similar Part No. - MRF5P21180

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5P21045NR1 FREESCALE-MRF5P21045NR1 Datasheet
421Kb / 11P
   RF Power Field-Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF5P21240 MOTOROLA-MRF5P21240 Datasheet
782Kb / 8P
   RF POWER FIELD EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF5P21240R6 MOTOROLA-MRF5P21240R6 Datasheet
782Kb / 8P
   RF POWER FIELD EFFECT TRANSISTOR
More results

Similar Description - MRF5P21180

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
   SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
   SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
   SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
   SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
   SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
   SEMICONDUCTOR TECHNICAL DATA
KIC9256 KEC-KIC9256 Datasheet
707Kb / 29P
   SEMICONDUCTOR TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com