Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8530AEEVEFX29 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8530AEEVEFX29
Description  Micropower UP Watch Dog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8530AEEVEFX29 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8530AEEVEFX29 Datasheet HTML 5Page - Analog Microelectronics AME8530AEEVEFX29 Datasheet HTML 6Page - Analog Microelectronics AME8530AEEVEFX29 Datasheet HTML 7Page - Analog Microelectronics AME8530AEEVEFX29 Datasheet HTML 8Page - Analog Microelectronics AME8530AEEVEFX29 Datasheet HTML 9Page - Analog Microelectronics AME8530AEEVEFX29 Datasheet HTML 10Page - Analog Microelectronics AME8530AEEVEFX29 Datasheet HTML 11Page - Analog Microelectronics AME8530AEEVEFX29 Datasheet HTML 12Page - Analog Microelectronics AME8530AEEVEFX29 Datasheet HTML 13Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AME, Inc.
10
Micropower
µµµµµP Watch Dog Timer
AME8510 / 8520 / 8530
n Detailed Description(contd.)
Watchdog Input Current
The watchdog input pin (WDI) typically sources/sinks
8
µA when driven high or low. So from a power dissipa-
tion point of view the duty cycle of the waveform at WDI
is unimportant. When the WDI pin is floating or tri-stated
the power supply current falls to less than 3.0
µA.
Glitch Rejection
The AME8510/8520/8530 family will reject negative go-
ing transients on the V
DD line to some extent. The smaller
the duration of the transient the larger its amplitude may
be without triggering a reset. The “Glitch Rejection” chart
in the graphs section of this datasheet shows the rela-
tion between glitch amplitude and allowable glitch dura-
tion to avoid unintended resets.
Accurate Output State at Low V
DD
With V
DD voltage on the order of the MOS transistor
threshold (<1.0V) the outputs of the AME8510/8520/8530
may become undefined. For parts with active low output
(RESETB) a resistor placed between RESETB and GND
on the order of 100K
Ω will ensure that the RESETB out-
put stays low when V
DD is lower than the threshold volt-
age of the part. In a like manner a resistor on the order of
100K
Ω when placed between RESET and V
DD will en-
sure parts with active high output (RESET) will remain
high when V
DD is lower than the threshold voltage of the
part.


Similar Part No. - AME8530AEEVEFX29

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8530 AME-AME8530 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
More results

Similar Description - AME8530AEEVEFX29

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
   3 1/2 Digit Timer Watch
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com