Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE56 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # P6KE56
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

P6KE56 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  P6KE56 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. P6KE56 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. P6KE56 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. P6KE56 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P6KE6.8 THRU P6KE440CA
GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage:6.8-440 Volts
Peak Pulse Power:600 Watts
FEATURE
MECHANICAL DATA
DO-15
0.140 (3.6)
0.104(2.6)
DIA.
0.034 (0.9)
0.028 (0.7)
DIA.
Dimensions in inches and (millimeters)
600w peak pulse power capability
Excellent clamping capability
Low incremental surge resistance
Fast response time:typically less than 1.0ps from 0v to
VBR for unidirectional and 5.0ns ror bidirectional types.
High temperature soldering guaranteed:
265 C/10S/9.5mm lead length at 5 lbs tension
0.300(7.6)
0.230(5.8)
1.0(25.4)
MIN.
1.0 (25.4)
MIN.
Case: JEDEC DO-15 molded plastic body over
passivated junction
Terminals: Plated axial leads, solderable per MIL-STD 750,
method 2026
Polarity: Color band denotes cathode except for
bidirectional types
Mounting Position: Any
Weight: 0.014 ounce,0.40 grams
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
C
Peak power dissipation
(Note 1)
Peak pulse reverse current
(Note 1, Fig.3)
Steady state power dissapation (Note 2)
Peak forward surge current
(Note 3)
Maximum instantaneous forward voltage at 50A
for unidirectional only
(Note 4)
Operating junction and storage temperature range
Pppm
Ippm
PM(AV)
IFSM
TSTG,TJ
3.5/5.0
SYMBOLS
UNITS
VALUE
Minimum 600
See Table 1
5.0
100
-55 to + 175
VF
Watts
Amps
Watts
Amps
Volts
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use suffix C or CA for types P6KE6.8 thru P6KE440 (e.g. P6KE6.8CA,P6KE440CA)
Electrical characteristics apply in both directions.
1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2
2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (40x40mm)Fig.5
3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
4.VF=3.5V max.for devices of V(BR)<200V,and VF=5.0V max.for devices of V(BR)>200V
Notes:
www.shunyegroup.com.cn


Similar Part No. - P6KE56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE56 PANJIT-P6KE56 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shanghai Shunye Electro...
P6KE56 SHUNYE-P6KE56 Datasheet
506Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
P6KE56 TSC-P6KE56 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE56 MICROSEMI-P6KE56 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
RFE international
P6KE56 RFE-P6KE56 Datasheet
377Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
More results

Similar Description - P6KE56

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE6.8 SY-P4KE6.8 Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0 SY-SA5.0 Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com