Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7515SH Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AN7515SH
Description  Audio signal processing IC for notebook PC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7515SH Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AN7515SH Datasheet HTML 7Page - Panasonic Semiconductor AN7515SH Datasheet HTML 8Page - Panasonic Semiconductor AN7515SH Datasheet HTML 9Page - Panasonic Semiconductor AN7515SH Datasheet HTML 10Page - Panasonic Semiconductor AN7515SH Datasheet HTML 11Page - Panasonic Semiconductor AN7515SH Datasheet HTML 12Page - Panasonic Semiconductor AN7515SH Datasheet HTML 13Page - Panasonic Semiconductor AN7515SH Datasheet HTML 14Page - Panasonic Semiconductor AN7515SH Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AN7515SH
11
SDC00036BEB
Pin No.
Equivalent circuit
Description
Voltage
24
HPINR2:
1.4 V
Headphone amplifier R-ch. input
pin 2
25
HPINL1:
1.4 V
Headphone amplifier L-ch. input
pin 1
26
N.C.
27
LINEINL:
2.5 V
Line amplifier L-ch. input pin
28
LINEINR:
2.5 V
Line amplifier R-ch. input pin
24
20 k
1.4 V
1 k
GND
VCC
25
20 k
1.4 V
1 k
GND
VCC
27
50 k
2.5 V
0.5 k
GND
VCC
28
50 k
2.5 V
0.5 k
GND
VCC
I Terminal Equivalent Circuits (continued)


Similar Part No. - AN7515SH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7510 PANASONIC-AN7510 Datasheet
278Kb / 25P
   BTL Audio Power IC
AN7510S PANASONIC-AN7510S Datasheet
278Kb / 25P
   BTL Audio Power IC
AN7511 PANASONIC-AN7511 Datasheet
278Kb / 25P
   BTL Audio Power IC
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
List of Unclassifed Man...
AN7511 ETC2-AN7511 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7515SH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
logo
Sanyo Semicon Device
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
   Digital Surround Audio Signal-Processing IC
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com