Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNK12S0A0R30NA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DNK12S0A0R30NA
Description  Output voltage tracking
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNK12S0A0R30NA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DNK12S0A0R30NA Datasheet HTML 2Page - Delta Electronics, Inc. DNK12S0A0R30NA Datasheet HTML 3Page - Delta Electronics, Inc. DNK12S0A0R30NA Datasheet HTML 4Page - Delta Electronics, Inc. DNK12S0A0R30NA Datasheet HTML 5Page - Delta Electronics, Inc. DNK12S0A0R30NA Datasheet HTML 6Page - Delta Electronics, Inc. DNK12S0A0R30NA Datasheet HTML 7Page - Delta Electronics, Inc. DNK12S0A0R30NA Datasheet HTML 8Page - Delta Electronics, Inc. DNK12S0A0R30NA Datasheet HTML 9Page - Delta Electronics, Inc. DNK12S0A0R30NA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS_DNK12SIP_09062016
6
Figure 19: Turn on delay time at Remote On/Off, 0.8V/30A out
Top: 0.5V/div, 2ms/div, Bottom: 10V/div, 2ms/div
Figure 20: Turn on delay time at Remote On/Off, 1.2V/30A out
Top: 1V/div, 2ms/div, Bottom: 10V/div, 2ms/div
Figure 21: Turn on delay time at Remote On/Off, 3.3V/30A out
Top: 2V/div, 2ms/div, Bottom: 10V/div, 2ms/div
Figure 22: Turn on delay time at Remote On/Off, 5V/30A out
Top: 5V/div, 2ms/div, Bottom: 10V/div, 2ms/div
Figure 23: Typical transient response to step load change at 1A/µS
from 25% to 75% of Io, max at 12Vin, 0.8V out
(Cout = 1uF ceramic, 10µF tantalum)
Top:100mV/div, 50uS/div, Bottom: 20A/div, 50uS/div
Figure 24:Typical transient response to step load change at 1A/µS
from 25% to 75% of Io, max at 12Vin, 1.2V out
(Cout = 1uF ceramic, 10µF tantalum)
Top:100mV/div, 50uS/div, Bottom: 20A/div, 50uS/div


Similar Part No. - DNK12S0A0R30NA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNK12S0A0R30NA DELTA-DNK12S0A0R30NA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK12S0A0R30NA DELTA-DNK12S0A0R30NA Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
More results

Similar Description - DNK12S0A0R30NA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS DELTA-DNS Datasheet
794Kb / 15P
   Output Voltage tracking
logo
Mitsubishi Electric Sem...
M5230L MITSUBISHI-M5230L Datasheet
258Kb / 7P
   VARIABLE OUTPUT VOLTAGE REGULATOR(DUAL TRACKING TYPE)
logo
NTE Electronics
NTE7090 NTE-NTE7090 Datasheet
20Kb / 2P
   Variable Output Voltage Regulator (Dual Tracking Type)
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
logo
Fairchild Semiconductor
RC4194 FAIRCHILD-RC4194 Datasheet
108Kb / 15P
   Dual Tracking Voltage Regulators
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
   Tracking Dual Output DC-DC Converters
logo
Texas Instruments
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com