Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DIM
Description  Industry standard pin out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DIM Datasheet HTML 3Page - Delta Electronics, Inc. DIM Datasheet HTML 4Page - Delta Electronics, Inc. DIM Datasheet HTML 5Page - Delta Electronics, Inc. DIM Datasheet HTML 6Page - Delta Electronics, Inc. DIM Datasheet HTML 7Page - Delta Electronics, Inc. DIM Datasheet HTML 8Page - Delta Electronics, Inc. DIM Datasheet HTML 9Page - Delta Electronics, Inc. DIM Datasheet HTML 10Page - Delta Electronics, Inc. DIM Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DATASHEET
DS_DIM3R3_09102010
7
ELECTRICAL CHARACTERISTICS CURVES
Figure 9: MGMT_PWR (3.3V) and BLUE_LED_PWR (5V)
output ripple/noise (2uS/div):
CH1: Vo, MGMT_PWR (20mV/div).
CH2: Vo, 5V BLUE_LED_PWR (20mV/div).
Test conditions:
(1) Feed A=48Vdc; Feed B=0Vdc
(2) I(3.3V)=1.25A,I(5V BLUE_LED_PWR)=0.1A
I(VRTN_OUT)=6.3A
(3) C2=220uF, C_hold=220uF
Figure 10: MGMT_PWR (3.3V) dynamic response
(1mS/div):
CH1: Vo, MGMT_PWR (50mV/div).
CH2: Io, MGMT_PWR (1A/div)
Test conditions:
(1) Feed A=48Vdc; Feed B=0Vdc
(2) 3.3V MGMT_PWR load current (50%-75%-50% of Io,max,
di/dt = 0.1A/µs),
I(VRTN_OUT)=6.3A.
(3) C2=220uF, C_hold=220uF
CH 1
CH 2
CH 1
CH 2


Similar Part No. - DIM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM050300SFA DELTA-DIM050300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM050300SFA DELTA-DIM050300SFA Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM050300SFA DELTA-DIM050300SFA Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
logo
Dynex Semiconductor
DIM1000ACM33-TL001 DYNEX-DIM1000ACM33-TL001 Datasheet
419Kb / 8P
   IGBT Chopper Module
DIM1000ECM33-TL000 DYNEX-DIM1000ECM33-TL000 Datasheet
418Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
   Industry standard pin out
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com