Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DCS Datasheet(PDF) 16 Page - Delta Electronics, Inc.

Part # DCS
Description  Voltage and resistor-based trim
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS Datasheet(HTML) 16 Page - Delta Electronics, Inc.

Back Button DCS Datasheet HTML 12Page - Delta Electronics, Inc. DCS Datasheet HTML 13Page - Delta Electronics, Inc. DCS Datasheet HTML 14Page - Delta Electronics, Inc. DCS Datasheet HTML 15Page - Delta Electronics, Inc. DCS Datasheet HTML 16Page - Delta Electronics, Inc. DCS Datasheet HTML 17Page - Delta Electronics, Inc. DCS Datasheet HTML 18Page - Delta Electronics, Inc. DCS Datasheet HTML 19Page - Delta Electronics, Inc. DCS Datasheet HTML 20Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS_DCS12S0A0S06NFA_11142013
16
0
1
2
3
4
5
6
55
60
65
70
75
80
85
90
95
100
105
Output Current(A)
Ambient Temperature (℃)
DCS12S0A0S06 Output Current vs. Ambient Temperature and Air Velocity
@Vin = 12V Vout=2.5V(Either Orientation)
100LFM
300LFM
400LFM
500LFM
Natural
Convection
200LFM
Figure 44: Output current vs. ambient temperature and air
velocity@Vin=12V, Vout=2.5V(Either Orientation)
0
1
2
3
4
5
6
55
60
65
70
75
80
85
90
95
100
105
Output Current(A)
Ambient Temperature (℃)
DCS12S0A0S06 Output Current vs. Ambient Temperature and Air Velocity
@Vin = 12V Vout=1.8V(Either Orientation)
Natural
Convection
100LFM
300LFM
400LFM
500LFM
200LFM
Figure 45: Output current vs. ambient temperature and air
velocity@Vin=12V, Vout=1.8V(Either Orientation)
0
1
2
3
4
5
6
55
60
65
70
75
80
85
90
95
100
105
Output Current(A)
Ambient Temperature (℃)
DCS12S0A0S06 Output Current vs. Ambient Temperature and Air Velocity
@Vin = 12V Vout=1.2V(Either Orientation)
Natural
Convection
100LFM
300LFM
400LFM
500LFM
200LFM
Figure 46: Output current vs. ambient temperature and air
velocity@Vin=12V, Vout=1.2V(Either Orientation)
0
1
2
3
4
5
6
55
60
65
70
75
80
85
90
95
100
105
Output Current(A)
Ambient Temperature (℃)
DCS12S0A0S06 Output Current vs. Ambient Temperature and Air Velocity
@Vin = 12V Vout=0.59V(Either Orientation)
Natural
Convection
100LFM
300LFM
400LFM
200LFM
Figure 47: Output current vs. ambient temperature and air
velocity@Vin=12V, Vout=0.59 V(Either Orientation)


Similar Part No. - DCS

ManufacturerPart #DatasheetDescription
Adam Technologies, Inc.
Adam Technologies, Inc.
DCS-01-X ADAM-TECH-DCS-01-X Datasheet
87Kb / 1P
   D-SUB SOCKET CONATACT
DCS-01-X-30 ADAM-TECH-DCS-01-X-30 Datasheet
87Kb / 1P
   D-SUB SOCKET CONTACT
DCS-02-X-30 ADAM-TECH-DCS-02-X-30 Datasheet
78Kb / 1P
   D-SUB SOCKET CONTACT
Diodes Incorporated
Diodes Incorporated
DCS-1078 DIODES-DCS-1078 Datasheet
74Kb / 17P
   PRODUCT CHANGE NOTICE
PCN-1078_Rev 1
Teledyne Technologies Incorporated
Teledyne Technologies I...
DCS015 TELEDYNE-DCS015 Datasheet
3Mb / 16P
   High Definition Oscilloscopes
More results

Similar Description - DCS

ManufacturerPart #DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com