Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DCS Datasheet(PDF) 14 Page - Delta Electronics, Inc.

Part No. DCS
Description  Voltage and resistor-based trim
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS Datasheet(HTML) 14 Page - Delta Electronics, Inc.

Back Button DCS Datasheet HTML 10Page - Delta Electronics, Inc. DCS Datasheet HTML 11Page - Delta Electronics, Inc. DCS Datasheet HTML 12Page - Delta Electronics, Inc. DCS Datasheet HTML 13Page - Delta Electronics, Inc. DCS Datasheet HTML 14Page - Delta Electronics, Inc. DCS Datasheet HTML 15Page - Delta Electronics, Inc. DCS Datasheet HTML 16Page - Delta Electronics, Inc. DCS Datasheet HTML 17Page - Delta Electronics, Inc. DCS Datasheet HTML 18Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DS_DCS12S0A0S06NFA_11142013
14
Power Good
The DCS modules provide a Power Good (PGOOD)
signal that is implemented with an open-drain output to
indicate that the output voltage is within the regulation
limits of the power module. The PGOOD signal will be
de-asserted to a low state if any condition such as over
temperature, over current or loss of regulation occurs that
would result in the output voltage going ±10% outside the
set point value. The PGOOD terminal should be
connected through a pull up resistor (suggested value
100K
Ω) to a source of 5VDC or lower.
Monotonic Start-up and Shutdown
The DCS 6A modules have monotonic start-up and
shutdown behavior for any combination of rated input
voltage, output current and operating temperature range.
FEATURE DESCRIPTIONS (CON.)
After the 10msec delay, an analog voltage is applied to
the SEQ pin and the output voltage of the module will
track this voltage on a one-to-one volt bases until the
output reaches the set-point voltage. To initiate
simultaneous shutdown of the modules, the SEQ pin
voltage is lowered in a controlled manner. The output
voltage of the modules tracks the voltages below their
set-point voltages on a one-to-one basis. A valid input
voltage must be maintained until the tracking and output
voltages reach ground potential.
When using the EZ-SEQUENCETM feature to control
start-up of the module, pre-bias immunity during startup is
disabled. The pre-bias immunity feature of the module
relies on the module being in the diode-mode during
start-up. When using the EZ-SEQUENCETM feature,
modules goes through an internal set-up time of 10msec,
and will be in synchronous rectification mode when the
voltage at the SEQ pin is applied. This will result in the
module sinking current if a pre-bias voltage is present at
the output of the module.
Figure 39: Circuit showing connection of the sequencing signal to
the SEQ pin.
Simultaneous


Similar Part No. - DCS

ManufacturerPart No.DatasheetDescription
Adam Technologies, Inc.
Adam Technologies, Inc.
DCS-01-X ADAM-TECH-DCS-01-X Datasheet
87Kb / 1P
   D-SUB SOCKET CONATACT
DCS-01-X-30 ADAM-TECH-DCS-01-X-30 Datasheet
87Kb / 1P
   D-SUB SOCKET CONTACT
DCS-02-X-30 ADAM-TECH-DCS-02-X-30 Datasheet
78Kb / 1P
   D-SUB SOCKET CONTACT
Diodes Incorporated
Diodes Incorporated
DCS-1078 DIODES-DCS-1078 Datasheet
74Kb / 17P
   PRODUCT CHANGE NOTICE
PCN-1078_Rev 1
Teledyne Technologies Incorporated
Teledyne Technologies I...
DCS015 TELEDYNE-DCS015 Datasheet
3Mb / 16P
   High Definition Oscilloscopes
More results

Similar Description - DCS

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz