Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DCS Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part No. DCS
Description  Voltage and resistor-based trim
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DCS Datasheet HTML 1Page - Delta Electronics, Inc. DCS Datasheet HTML 2Page - Delta Electronics, Inc. DCS Datasheet HTML 3Page - Delta Electronics, Inc. DCS Datasheet HTML 4Page - Delta Electronics, Inc. DCS Datasheet HTML 5Page - Delta Electronics, Inc. DCS Datasheet HTML 6Page - Delta Electronics, Inc. DCS Datasheet HTML 7Page - Delta Electronics, Inc. DCS Datasheet HTML 8Page - Delta Electronics, Inc. DCS Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATASHEET
DS_DCS12S0A0S06NFA_11142013
FEATURES
High efficiency: 94. 3% @ 12Vin, 5V/6A out
Small size and low profile:
12.2x 12.2x 7.45mm (0.48
”x 0.48”x 0.293”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.59Vdc to 5.0Vdc via external resistor
Fixed frequency operation
Input UVLO, output OCP
Remote on/off
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative/Positive on/off logic
Tracking feature
Delphi DCS, Non-Isolated Point of Load
DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
The Delphi Series DCS, 4.5-14V input, single output, non-isolated
Point of Load DC/DC converters are the latest offering from a world
leader in power systems technology and manufacturing -- Delta
Electronics, Inc. The DCS series provides a programmable output
voltage from 0.59 V to 5.0V using an external resistor and has flexible
and programmable tracking features to enable a variety of startup
voltages as well as tracking between power modules. This product
family is available in surface mount and provides up to 6A of output
current in an industry standard footprint. With creative design
technology
and
optimization
of
component
placement,
these
converters possess outstanding electrical and thermal performance,
as well as extremely high reliability under highly stressful operating
conditions.


Similar Part No. - DCS

ManufacturerPart No.DatasheetDescription
Adam Technologies, Inc.
Adam Technologies, Inc.
DCS-01-X ADAM-TECH-DCS-01-X Datasheet
87Kb / 1P
   D-SUB SOCKET CONATACT
DCS-01-X-30 ADAM-TECH-DCS-01-X-30 Datasheet
87Kb / 1P
   D-SUB SOCKET CONTACT
DCS-02-X-30 ADAM-TECH-DCS-02-X-30 Datasheet
78Kb / 1P
   D-SUB SOCKET CONTACT
Diodes Incorporated
Diodes Incorporated
DCS-1078 DIODES-DCS-1078 Datasheet
74Kb / 17P
   PRODUCT CHANGE NOTICE
PCN-1078_Rev 1
Teledyne Technologies Incorporated
Teledyne Technologies I...
DCS015 TELEDYNE-DCS015 Datasheet
3Mb / 16P
   High Definition Oscilloscopes
More results

Similar Description - DCS

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz