Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA10644 Datasheet(PDF) 1 Page - Cree, Inc

Part # FA10644
Description  Tina series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FA10644 Datasheet(HTML) 1 Page - Cree, Inc

  FA10644 Datasheet HTML 1Page - Cree, Inc FA10644 Datasheet HTML 2Page - Cree, Inc FA10644 Datasheet HTML 3Page - Cree, Inc FA10644 Datasheet HTML 4Page - Cree, Inc FA10644 Datasheet HTML 5Page - Cree, Inc FA10644 Datasheet HTML 6Page - Cree, Inc FA10644 Datasheet HTML 7Page - Cree, Inc FA10644 Datasheet HTML 8Page - Cree, Inc FA10644 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Tina series
last update 7/11/2016
DETAILS
Product Number
FA10644_TINA-D
Family
Tina
Type
Assembly
Color
white
Diameter
16,1 mm
Height
9,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
7/11/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
14 deg
Diffuser
93 %
9.580
-
XP-G
20 deg
Diffuser
93 %
5.130
-
XT-E
17 deg
Diffuser
94 %
6.150
-
Z5
12 deg
Diffuser
-
-
-
June 16th 2017 3:29 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FA10644

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10644 LEDIL-FA10644 Datasheet
3Mb / 5P
   ~16째 diffused spot beam optimized for CREE XP-E
FA10644 LEDIL-FA10644_18 Datasheet
3Mb / 5P
   ~16째 diffused spot beam optimized for CREE XP-E
More results

Similar Description - FA10644

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11019 CREE-FA11019 Datasheet
348Kb / 6P
   Tina series
FA11826 CREE-FA11826 Datasheet
1Mb / 24P
   Tina series
FA11205 CREE-FA11205 Datasheet
453Kb / 11P
   Tina series
FA11208 CREE-FA11208 Datasheet
645Kb / 15P
   Tina series
CA11173 CREE-CA11173 Datasheet
409Kb / 7P
   Tina series
CP12682 CREE-CP12682 Datasheet
151Kb / 3P
   Tina series
CA13044 CREE-CA13044 Datasheet
595Kb / 9P
   Tina series
CA11420 CREE-CA11420 Datasheet
971Kb / 13P
   Tina series
FA10642 CREE-FA10642 Datasheet
339Kb / 6P
   Tina series
CA12374 CREE-CA12374 Datasheet
1Mb / 22P
   Tina series
CA12377 CREE-CA12377 Datasheet
1Mb / 23P
   Tina series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com