Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F12F50VX2 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # F12F50VX2
Description  VX-2 SERIES POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

F12F50VX2 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  F12F50VX2 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd F12F50VX2 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd F12F50VX2 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd F12F50VX2 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd F12F50VX2 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd F12F50VX2 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd F12F50VX2 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd F12F50VX2 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd F12F50VX2 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Static Drain-Source On-state Resistance
0.1
1
-50
0
50
100
150
2SK2475
VGS = 10V
pulse test
TYP
ID = 6A
Case Temperature Tc [
°C]


Similar Part No. - F12F50VX2

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
F12 XPPOWER-F12 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Vishay Siliconix
F12 VISHAY-F12 Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
logo
FCI connector
F12-0851 FCI-CONNECTOR-F12-0851 Datasheet
91Kb / 3P
   MINI LATCH HOUSING DR POL 2.54mm x 2.54mm
F12-0854 FCI-CONNECTOR-F12-0854 Datasheet
91Kb / 3P
   MINI LATCH HOUSING DR POL 2.54mm x 2.54mm
logo
List of Unclassifed Man...
F12-090 ETC2-F12-090 Datasheet
136Kb / 2P
   Power Transformers
More results

Similar Description - F12F50VX2

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2180 SHINDENGEN-2SK2180 Datasheet
274Kb / 6P
   VX-2 Series Power MOSFET(500V3A)
2SK2185 SHINDENGEN-2SK2185 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V5A)
2SK2563 SHINDENGEN-2SK2563 Datasheet
442Kb / 12P
   VX-2 Series Power MOSFET(600V4A)
2SK2186 SHINDENGEN-2SK2186 Datasheet
396Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK3012 SHINDENGEN-2SK3012 Datasheet
429Kb / 12P
   VX-2 Series Power MOSFET(600V 12A)
2SK2182 SHINDENGEN-2SK2182 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V 3A)
2SK2184 SHINDENGEN-2SK2184 Datasheet
403Kb / 10P
   VX-2 Series Power MOSFET(500V 5A)
2SK2197 SHINDENGEN-2SK2197 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2564 SHINDENGEN-2SK2564 Datasheet
443Kb / 12P
   VX-2 Series Power MOSFET(600V 8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com