Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNW139 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # CNW139
Description  8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNW139 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  CNW139 Datasheet HTML 1Page - Fairchild Semiconductor CNW139 Datasheet HTML 2Page - Fairchild Semiconductor CNW139 Datasheet HTML 3Page - Fairchild Semiconductor CNW139 Datasheet HTML 4Page - Fairchild Semiconductor CNW139 Datasheet HTML 5Page - Fairchild Semiconductor CNW139 Datasheet HTML 6Page - Fairchild Semiconductor CNW139 Datasheet HTML 7Page - Fairchild Semiconductor CNW139 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT
DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical
implant into the body,or (b) support or sustain life,
and (c) whose failure to perform when properly
used in accordance with instructions for use provided
in labeling, can be reasonably expected to result in a
significant injury of the user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
DS300400
5/24/01
8 OF 8
www.fairchildsemi.com
S
.S
Surface Mount Lead Bend
300
.300
VDE 0884
Option
Order Entry Identifier
Description
ORDERING INFORMATION
8-PIN WIDE BODY, HIGH-GAIN
OPTOCOUPLERS
CNW138
CNW139


Similar Part No. - CNW139

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
CNW135 HP-CNW135 Datasheet
664Kb / 7P
   High Speed Optocouplers
CNW135A HP-CNW135A Datasheet
755Kb / 7P
   High Speed Optocouplers
CNW136 HP-CNW136 Datasheet
664Kb / 7P
   High Speed Optocouplers
CNW136A HP-CNW136A Datasheet
755Kb / 7P
   High Speed Optocouplers
More results

Similar Description - CNW139

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNW82 QT-CNW82 Datasheet
56Kb / 5P
   WIDE BODY, HIGH ISOLATION OPTOCOUPLERS
logo
Everlight Electronics C...
ELW137 EVERLIGHT-ELW137 Datasheet
577Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED
ELW135 EVERLIGHT-ELW135 Datasheet
608Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com