Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNW138 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # CNW138
Description  8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNW138 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  CNW138 Datasheet HTML 1Page - Fairchild Semiconductor CNW138 Datasheet HTML 2Page - Fairchild Semiconductor CNW138 Datasheet HTML 3Page - Fairchild Semiconductor CNW138 Datasheet HTML 4Page - Fairchild Semiconductor CNW138 Datasheet HTML 5Page - Fairchild Semiconductor CNW138 Datasheet HTML 6Page - Fairchild Semiconductor CNW138 Datasheet HTML 7Page - Fairchild Semiconductor CNW138 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NOTE
All dimensions are in inches (millimeters)
Package Dimensions (Surface Mount)
0.100 (2.54)
TYP
0.445 (11.30)
MAX
0.354 (9.00)
TYP
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.496 [12.60]
0.016 (0.40)
0.008 (0.20)
0.016 (0.40)
MIN
0.020 (0.51)
MIN
Package Dimensions (Through Hole)
0.100 (2.54)
TYP
0.445 (11.30)
MAX
0.354 (9.00)
TYP
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.400 (10.16)
TYP
0° to 15°
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0.020 [0.51]
www.fairchildsemi.com
7 OF 8
6/04/01
DS300400
8-PIN WIDE BODY, HIGH-GAIN
OPTOCOUPLERS
CNW138
CNW139


Similar Part No. - CNW138

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
CNW135 HP-CNW135 Datasheet
664Kb / 7P
   High Speed Optocouplers
CNW135A HP-CNW135A Datasheet
755Kb / 7P
   High Speed Optocouplers
CNW136 HP-CNW136 Datasheet
664Kb / 7P
   High Speed Optocouplers
CNW136A HP-CNW136A Datasheet
755Kb / 7P
   High Speed Optocouplers
More results

Similar Description - CNW138

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNW82 QT-CNW82 Datasheet
56Kb / 5P
   WIDE BODY, HIGH ISOLATION OPTOCOUPLERS
logo
Everlight Electronics C...
ELW137 EVERLIGHT-ELW137 Datasheet
577Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED
ELW135 EVERLIGHT-ELW135 Datasheet
608Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com