Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8332-EVAL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8332-EVAL
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332-EVAL Datasheet(HTML) 5 Page - Analog Devices

  AD8332-EVAL Datasheet HTML 1Page - Analog Devices AD8332-EVAL Datasheet HTML 2Page - Analog Devices AD8332-EVAL Datasheet HTML 3Page - Analog Devices AD8332-EVAL Datasheet HTML 4Page - Analog Devices AD8332-EVAL Datasheet HTML 5Page - Analog Devices AD8332-EVAL Datasheet HTML 6Page - Analog Devices AD8332-EVAL Datasheet HTML 7Page - Analog Devices AD8332-EVAL Datasheet HTML 8Page - Analog Devices AD8332-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD8331/AD8332
Rev. C | Page 5 of 32
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT CLAMP INTERFACE
(Pin RCLMP; HI or LO Gain)
Accuracy
HILO = LO
RCLMP = 2.74 kΩ, VOUT = 1 V p-p (Clamped)
±50
mV
HILO = HI
RCLMP = 2.21 kΩ, VOUT = 1 V p-p (Clamped)
±75
mV
MODE INTERFACE
(Pin MODE)
Logic Level for Positive Gain Slope
0
1.0
V
Logic Level for Negative Gain Slope
2.25
5
V
Input Resistance
200
kΩ
POWER SUPPLY
(Pins VPS1, VPS2, VPSV, VPSL, VPOS)
Supply Voltage
4.5
5.0
5.5
V
Quiescent Current per Channel
25
mA
Power Dissipation per channel
No Signal
125
mW
Disable Current
AD8332 (VGA and LNA)
300
600
µA
AD8331 (VGA and LNA)
240
400
µA
AD8332 (ENBL)
Each Channel
12
mA
AD8332 (ENBV)
Each Channel
13
mA
AD8331 (ENBL)
11
mA
AD8331 (ENBV)
14
mA
PSRR
VGAIN = 0, f = 100 kHz
–68
dB


Similar Part No. - AD8332-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8332-EVAL AD-AD8332-EVAL Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332-EVALZ AD-AD8332-EVALZ Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
More results

Similar Description - AD8332-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com