Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8839 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM8839
Description  Charge Pump Regulator for Color TFT Panels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8839 Datasheet(HTML) 3 Page - Analog Devices

  ADM8839 Datasheet HTML 1Page - Analog Devices ADM8839 Datasheet HTML 2Page - Analog Devices ADM8839 Datasheet HTML 3Page - Analog Devices ADM8839 Datasheet HTML 4Page - Analog Devices ADM8839 Datasheet HTML 5Page - Analog Devices ADM8839 Datasheet HTML 6Page - Analog Devices ADM8839 Datasheet HTML 7Page - Analog Devices ADM8839 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
ADM8839
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25°C, unless otherwise noted.)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.0 V
Input Voltage on Digital Inputs . . . . . . . . . . . –0.3 V to +6.0 V
Output Short-Circuit Duration to GND . . . . . . . . . . . . . 10 sec
Output Voltage
+5 V Output . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 7.0 V
–15 V Output . . . . . . . . . . . . . . . . . . . . . . . . –17 V to +0.3 V
+15 V Output . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
Operating Temperature Range . . . . . . . . . . . . –40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mW
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class I
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM8839ACP
–40°C to +85°C
CP-20
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM8839 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
THERMAL CHARACTERISTICS
20-Lead LFCSP Package:
JA = 31°C/W


Similar Part No. - ADM8839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
   Charge Pump Regulator for Color TFT Panels
REV. C
More results

Similar Description - ADM8839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
   Charge Pump Regulator for Color TFT Panels
REV. C
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
   Charge Pump Regulator & COM Driver for Color TFT Panel
REV. PrG 2/03
logo
E-CMOS Corporation
EC6585D E-CMOS-EC6585D Datasheet
469Kb / 7P
   2 Channel Charge Pump Supply for TFT-LCD
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
   2 Channel Charge Pump Supply for TFT-LCD
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com