Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1206 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1206
Description  Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1206 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1206 Datasheet HTML 1Page - NTE Electronics NTE1206 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1206
Integrated Circuit
Phase Lock Loop (PLL) Stereo Decoder
Features:
D Requires No Inductors
D Low External Part Count
D Only Oscillator Frequency Adjustment Necessary
D Integral Stereo/Monaural Switch 75mA Lamp Driving Capability
D Wide Dynamic Range: Typically up to 1.3V(RMS) Composite Input Signal
D Wide Supply Voltage: 8V to 16V
D Excellent Channel Separation Maintained Over Entire Audio Frequency Range
D Low Distortion: Typically 0.15% THD at 560mV(RMS) Composite Input Signal
D Excellent SCA Rejection
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lamp Voltage, VLAMP
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lamp Current, (Note 1), ILAMP
75mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
625mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derated Above 25
°C
5mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–25
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Not exceed indicator lamp current 60mA when used at VCC = 14V to 16V.
Electrical Characteristics: (VCC = 12V, fM = 1kHz, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
8
12
16
V
Current Drain
ICC
At Lamp OFF
13
mA
Max. Comp. Input Voltage
VIN Max
(Stereo)
THD = 0.5%, L + R = 90%, P = 10%
1.3
V
Max. Mono Input Voltage
VIN Max
(Stereo)
THD = 1%, f = 1kHz
1.3
V
Input Resistance
RIN
50
k


Similar Part No. - NTE1206

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1200 NTE-NTE1200 Datasheet
24Kb / 2P
   Integrated Circuit Color TV Chroma Processor
logo
C&D Technologies
NTE1205M CANDD-NTE1205M Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NTE1205MC MURATA-NTE1205MC Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE1205MC MURATA-NTE1205MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE1205MC MURATA-NTE1205MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
More results

Similar Description - NTE1206

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE7116 NTE-NTE7116 Datasheet
37Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
NTE1657 NTE-NTE1657 Datasheet
25Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex
NTE1461 NTE-NTE1461 Datasheet
74Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Demod
NTE1560 NTE-NTE1560 Datasheet
18Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex Demodulator
NTE1217 NTE-NTE1217 Datasheet
21Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demodulator
NTE1248 NTE-NTE1248 Datasheet
22Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demod
logo
List of Unclassifed Man...
CA758E ETC1-CA758E Datasheet
264Kb / 5P
   RC Phase-Lock-Loop Stereo Decoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com