Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8331-EVAL Datasheet(PDF) 8 Page - Analog Devices

Part # AD8331-EVAL
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331-EVAL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8331-EVAL Datasheet HTML 4Page - Analog Devices AD8331-EVAL Datasheet HTML 5Page - Analog Devices AD8331-EVAL Datasheet HTML 6Page - Analog Devices AD8331-EVAL Datasheet HTML 7Page - Analog Devices AD8331-EVAL Datasheet HTML 8Page - Analog Devices AD8331-EVAL Datasheet HTML 9Page - Analog Devices AD8331-EVAL Datasheet HTML 10Page - Analog Devices AD8331-EVAL Datasheet HTML 11Page - Analog Devices AD8331-EVAL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD8331/AD8332
Rev. C | Page 8 of 32
FREQUENCY (Hz)
–10
0
10
20
40
30
50
60
0.8V
0.6V
0.4V
0.2V
0V
1M
1G
100k
100M
10M
VGAIN = 1V
Figure 9. Frequency Response for Various Values of VGAIN, HILO = HI
–10
0
10
20
–40
30
–30
–20
1M
1G
100k
100M
10M
VGAIN =0.5 V
RIN =RS =50Ω,75Ω,100Ω
RIN =RS =1kΩ
RIN =RS = 500Ω
RIN =RS =200Ω
FREQUENCY (Hz)
Figure 10. Frequency Response for Various Matched Source Impedances
FREQUENCY (Hz)
–10
0
10
20
–40
30
–30
–20
1M
1G
100k
100M
10M
VGAIN = 0.5V
RFB = ∞
Figure 11. Frequency Response, Unterminated, RS = 50 Ω
FREQUENCY (Hz)
–70
0
–60
–50
–30
–40
–20
1M
100k
100M
10M
–10
–90
–80
0.7V
0.4V
0.9V
VGAIN = 1V
0.5V
VOUT = 1 V p-p
Figure 12. Channel-to-Channel Crosstalk vs.
Frequency for Various Values of VGAIN
FREQUENCY (Hz)
1M
100k
100M
10M
0
50
45
40
35
30
25
20
15
10
5
0.1
µF
COUPLING
1
µF
COUPLING
Figure 13. Group Delay vs. Frequency
1.1
0.4
0.2
0
0.3
0.1
0.9
0.7
0.5
0.8
0.6
1.0
–20
–10
0
10
20
–20
–10
0
10
20
T= +25
°C
LO GAIN
T= +25
°C
VGAIN (V)
HI GAIN
T= +85
°C
T= +85
°C
T = –40
°C
T = –40
°C
T = –40
°C
T= +25
°C
T= +85
°C
T = –40
°C
Figure 14. Representative Differential Output Offset Voltage vs. VGAIN at Three
Temperatures


Similar Part No. - AD8331-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331-EVAL AD-AD8331-EVAL Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331-EVALZ AD-AD8331-EVALZ Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
More results

Similar Description - AD8331-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com