Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB151 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # DB151
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DB151 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  DB151_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. DB151_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. DB151_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Polarit:As marked on Body
Weight:0.02 ounces,0.38 grams
Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
DB151
DB152
DB153
DB154
DB155
DB156
DB157
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=40℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.5A DC
VF
V
Maximum DC Reverse Current @TJ=25℃
at Rated DC Bolcking Voltage @TJ=125℃
I
2 t Rating for Fusing(t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.The typical data above is for reference only(典型值仅供参考).
Rev. 8, 16-Mar-2016
DB151 thru DB157
μA
10.4
-55 to +150
Dimensions in inches and (millimeters)
40
REVERSE VOLTAGE
- 50
to 1000 Volts
.
FORWARD CURRENT - 1.5 Amperes
1.5
GLASS PASSIVATED
BRIDGE RECTIFIERS
I(AV)
A
IR
10
IFSM
A
50
1.1
500
with 0.5*0.5"(13*13mm) copper pads.
25
2.Thermal resistance from junction to ambient mounted on P.C.B.
-55 to +150
DB
.244(6.2)
.256(6.5)
.323(8.2)
.346(8.8)
.134(3.4)
.122(3.1)
.193(4.9)
.155(3.9)
.059
(1.5)
.195(5.0)
.205(5.2)
.018(0.45)
.022(0.55)
SPACING
.350(8.9)
.300(7.6)
.307(7.8)
.335(8.5)


Similar Part No. - DB151_17

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
DB151 JUXING-DB151_17 Datasheet
910Kb / 2P
   BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
DB151 CHENDA-DB151_17 Datasheet
600Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DB151_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com