Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6KB6L Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # D6KB6L
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

D6KB6L Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  D6KB6L_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. D6KB6L_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. D6KB6L_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
D6KB6L
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 3, 16-Mar-2017
100.0
10.0
1.0
0.1
0.01
020
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL REVERSE CHARACTERISTICS
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.1-DERATING CURVE OUTPUT
RECTIFIED CURRENT
TJ=150°C
TJ=125°C
TJ=25°C
CASE TEMPERATURE, °C
60
120
140
0.0
0.5
3.0
100
80
40
20
0
1.5
2.0
1.0
2.5
150
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
20.0
0
0.2
TJ=25°C
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
FIG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
NUMBER OF CYCLETS AT 60Hz
0
10
100
160
180
1
40
80
120
2
50
20
5


Similar Part No. - D6KB6L_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
D6KB6 HY-D6KB6 Datasheet
475Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
D6KB6 YFWDIODE-D6KB6 Datasheet
460Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D6KB60 ZSELEC-D6KB60 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
D6KB60 ZSELEC-D6KB60 Datasheet
104Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
D6KB6U HY-D6KB6U Datasheet
456Kb / 3P
   Low VF Glass Passivated Bridge Rectifiers
More results

Similar Description - D6KB6L_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com