Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8325 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8325
Description  5 V CATV Line Driver Fine Step Output Power Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8325 Datasheet(HTML) 3 Page - Analog Devices

  AD8325 Datasheet HTML 1Page - Analog Devices AD8325 Datasheet HTML 2Page - Analog Devices AD8325 Datasheet HTML 3Page - Analog Devices AD8325 Datasheet HTML 4Page - Analog Devices AD8325 Datasheet HTML 5Page - Analog Devices AD8325 Datasheet HTML 6Page - Analog Devices AD8325 Datasheet HTML 7Page - Analog Devices AD8325 Datasheet HTML 8Page - Analog Devices AD8325 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
AD8325
–3–
LOGIC INPUTS (TTL/CMOS-Compatible Logic)
Parameter
Min
Typ
Max
Unit
Logic “1” Voltage
2.1
5.0
V
Logic “0” Voltage
0
0.8
V
Logic “1” Current (VINH = 5 V) CLK, SDATA, DATEN
020
nA
Logic “0” Current (VINL = 0 V) CLK, SDATA, DATEN
–600
–100
nA
Logic “1” Current (VINH = 5 V) TXEN
50
190
µA
Logic “0” Current (VINL = 0 V) TXEN
–250
–30
µA
Logic “1” Current (VINH = 5 V) SLEEP
50
190
µA
Logic “0” Current (VINL = 0 V) SLEEP
–250
–30
µA
TIMING REQUIREMENTS
Parameter
Min
Typ
Max
Unit
Clock Pulsewidth (TWH)
16.0
ns
Clock Period (TC)
32.0
ns
Setup Time SDATA vs. Clock (TDS)
5.0
ns
Setup Time
DATEN vs. Clock (T
ES)
15.0
ns
Hold Time SDATA vs. Clock (TDH)
5.0
ns
Hold Time
DATEN vs. Clock (T
EH)
3.0
ns
Input Rise and Fall Times, SDATA,
DATEN, Clock (T
R, TF)10
ns
(Full Temperature Range, VCC = 5 V, TR = TF = 4 ns, fCLK = 8 MHz unless otherwise noted.)
(
DATEN, CLK, SDATA, TXEN, SLEEP, V
CC = 5 V: Full Temperature Range)
TES
VALID DATA WORD G1
MSB. . . .LSB
GAIN TRANSFER (G1)
TDS
TEH
8 CLOCK
CYCLES
GAIN TRANSFER (G2)
TOFF
TGS
ANALOG
OUTPUT
SIGNAL AMPLITUDE (p-p)
TXEN
CLK
SDATA
DATEN
TON
TC
TWH
VALID DATA WORD G2
Figure 2. Serial Interface Timing
VALID DATA BIT
MSB
MSB-1
MSB-2
TDS
TDH
SDATA
CLK
Figure 3. SDATA Timing


Similar Part No. - AD8325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8325-EVAL AD-AD8325-EVAL Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8325ARU AD-AD8325ARU Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8325ARU-REEL AD-AD8325ARU-REEL Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8325ARUZ AD-AD8325ARUZ Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8325ARUZ-REEL AD-AD8325ARUZ-REEL Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
More results

Similar Description - AD8325

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8323 AD-AD8323 Datasheet
277Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8325 AD-AD8325_05 Datasheet
736Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. A
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
   5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327 Datasheet
307Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
   5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com