Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9468002VGA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 5962R9468002VGA
Description  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962R9468002VGA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 5962R9468002VGA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962R9468002VGA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R9468002VGA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R9468002VGA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962R9468002VGA Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962R9468002VGA Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962R9468002VGA Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962R9468002VGA Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962R9468002VGA Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-94680
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
11
DSCC FORM 2234
APR 97
TABLE IIA. Electrical test requirements.
Test requirements
Subgroups
(in accordance with
MIL-STD-883,
method 5005, table I)
Subgroups
(in accordance with
MIL-PRF-38535, table III)
Device
class M
Device
class Q
Device
class V
Interim electrical
parameters (see 4.2)
1
1
1
Final electrical
parameters (see 4.2)
1,2,3,4 1/
1,2,3,4 1/
1,2,3,4 1/ 2/
Group A test
requirements (see 4.4)
1,2,3,4
1,2,3,4
1,2,3,4
Group C end-point electrical
parameters (see 4.4)
1
1
1 2/
Group D end-point electrical
parameters (see 4.4)
1
1
1
Group E end-point electrical
parameters (see 4.4)
---
---
1,4
1/ PDA applies to subgroup 1.
2/ Delta limits as specified in table IIB shall be required where specified, and the delta limits
shall be completed with reference to the zero hour electrical parameters (see table I).
TABLE IIB. Burn-in and operating life test delta parameters. TA = +25C. 1/ 2/
Parameter
Device type
Limit
Delta
Min
Max
VIO
02, 03
-135
+135
75 V
IIB
02, 03
-70
+70
10 nA
1/ Deltas are performed at room temperature.
2/ 240 hour burn-in and 1,000 hour operating group C life test.
4.3 Qualification inspection for device classes Q and V. Qualification inspection for device classes Q and V shall be in
accordance with MIL-PRF-38535. Inspections to be performed shall be those specified in MIL-PRF-38535 and herein for groups
A, B, C, D, and E inspections (see 4.4.1 through 4.4.4).
4.4 Conformance inspection. Technology conformance inspection for classes Q and V shall be in accordance with
MIL-PRF-38535 including groups A, B, C, D, and E inspections and as specified herein. Quality conformance inspection for
device class M shall be in accordance with MIL-PRF-38535, appendix A and as specified herein. Inspections to be performed
for device class M shall be those specified in method 5005 of MIL-STD-883 and herein for groups A, B, C, D, and E inspections
(see 4.4.1 through 4.4.4).
4.4.1 Group A inspection.
a.
Tests shall be as specified in table IIA herein.
b.
Subgroups 5, 6, 7, 8, 9, 10, and 11 in table I, method 5005 of MIL-STD-883 shall be omitted.


Similar Part No. - 5962R9468002VGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R9452602V9A TI1-5962R9452602V9A Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
5962R9452602VGA TI1-5962R9452602VGA Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
5962R9452602VPA TI1-5962R9452602VPA Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
5962R9452603V9A TI1-5962R9452603V9A Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
5962R9452603VGA TI1-5962R9452603VGA Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - 5962R9468002VGA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
logo
List of Unclassifed Man...
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com