Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1154 Datasheet(PDF) 17 Page - Advanced Analogic Technologies

Part # AAT1154
Description  1MHz 3A Buck DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1154 Datasheet(HTML) 17 Page - Advanced Analogic Technologies

Back Button AAT1154 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 15Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 16Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 17Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 18Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AAT1154
1MHz 3A Buck DC/DC Converter
1154.2003.08.0.91
17
Ordering Information
Package Information
SO-8
All dimensions in millimeters.
1.27 BSC
0.42
± 0.09 × 8
4.90
± 0.10
45
°
0.375
± 0.125
0.235
± 0.045
0.825
± 0.445
Output Voltage
Package
Marking
Part Number (Tape and Reel)
1.0V
SO-8
AAT1154IAS-1.0-T1
1.8V
SO-8
AAT1154IAS-1.8-T1
2.5V
SO-8
AAT1154IAS-2.5-T1
3.3V
SO-8
AAT1154IAS-3.3-T1


Similar Part No. - AAT1154

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154IAS-1.0-T1 ANALOGICTECH-AAT1154IAS-1.0-T1 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154IAS-1.0-T1 ANALOGICTECH-AAT1154IAS-1.0-T1 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154IAS-1.8-T1 ANALOGICTECH-AAT1154IAS-1.8-T1 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
More results

Similar Description - AAT1154

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
Advanced Analogic Techn...
AAT1157 ANALOGICTECH-AAT1157 Datasheet
394Kb / 14P
   1MHz 1.2A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com