Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9265BCPZRL7-105 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9265BCPZRL7-105
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265BCPZRL7-105 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9265BCPZRL7-105 Datasheet HTML 2Page - Analog Devices AD9265BCPZRL7-105 Datasheet HTML 3Page - Analog Devices AD9265BCPZRL7-105 Datasheet HTML 4Page - Analog Devices AD9265BCPZRL7-105 Datasheet HTML 5Page - Analog Devices AD9265BCPZRL7-105 Datasheet HTML 6Page - Analog Devices AD9265BCPZRL7-105 Datasheet HTML 7Page - Analog Devices AD9265BCPZRL7-105 Datasheet HTML 8Page - Analog Devices AD9265BCPZRL7-105 Datasheet HTML 9Page - Analog Devices AD9265BCPZRL7-105 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Data Sheet
AD9265
Rev. C | Page 5 of 44
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, SVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS
enabled, unless otherwise noted.
Table 2.
Parameter1
Temp
AD9265BCPZ-802
AD9265BCPZ-1052
AD9265BCPZ-1252
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 2.4 MHz
25°C
80.2
79.7
79.0
dBFS
fIN = 70 MHz
25°C
79.7
79.2
79.0
dBFS
Full
78.7
78.2
77.3
dBFS
fIN = 140 MHz
25°C
78.4
78.3
77.5
dBFS
fIN = 200 MHz
25°C
77.1
76.9
75.6
dBFS
SIGNAL-TO-NOISE-AND DISTORTION (SINAD)
fIN = 2.4 MHz
25°C
79.6
79.4
78.7
dBFS
fIN = 70 MHz
25°C
79.6
78.8
78.7
dBFS
Full
78.6
77.9
77.0
dBFS
fIN = 140 MHz
25°C
77.3
77.5
77.0
dBFS
fIN = 200 MHz
25°C
76.0
75.7
74.4
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
25°C
12.9
12.9
12.8
Bits
fIN = 70 MHz
25°C
12.9
12.8
12.8
Bits
fIN = 140 MHz
25°C
12.5
12.6
12.5
Bits
fIN = 200 MHz
25°C
12.3
12.3
12.1
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 2.4 MHz
25°C
−88
−90
−88
dBc
fIN = 70 MHz
25°C
−94
−89
−93
dBc
Full
−92
−88
−85
dBc
fIN = 140 MHz
25°C
−82
−86
−89
dBc
fIN = 200 MHz
25°C
−81
−81
−80
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
25°C
88
90
88
dBc
fIN = 70 MHz
25°C
94
89
93
dBc
Full
92
88
85
dBc
fIN = 140 MHz
25°C
82
86
89
dBc
fIN = 200 MHz
25°C
81
81
80
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Without Dither (AIN at −23 dBFS)
fIN = 2.4 MHz
25°C
103
98
96
dBFS
fIN = 70 MHz
25°C
103
96
98
dBFS
fIN = 140 MHz
25°C
104
96
98
dBFS
fIN = 200 MHz
25°C
102
101
97
dBFS
With On-Chip Dither (AIN at −23 dBFS)
fIN = 2.4 MHz
25°C
110
108
108
dBFS
fIN = 70 MHz
25°C
110
109
110
dBFS
fIN = 140 MHz
25°C
110
109
109
dBFS
fIN = 200 MHz
25°C
110
109
109
dBFS


Similar Part No. - AD9265BCPZRL7-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9265BCPZRL7-105 AD-AD9265BCPZRL7-105 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
More results

Similar Description - AD9265BCPZRL7-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com