Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9261BCPZ-10 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9261BCPZ-10
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261BCPZ-10 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9261BCPZ-10 Datasheet HTML 7Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 8Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 9Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 10Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 11Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 12Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 13Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 14Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD9261
Rev. 0 | Page 10 of 28
All power supplies set to 1.8 V, 640 MHz sample rate, 2 V p-p differential input, 0.5 V internal reference, PLL disabled, AIN = −2.0 dBFS,
10 MHz bandwidth, output data rate 40 MSPS, TA = 25°C, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 10MHz
DATA RATE: 40MSPS
fIN: 2.4MHz AT –2dBFS
SNR: 83.2dB
SFDR: 92.6dBc
Figure 8. Single-Tone FFT with fIN = 2.4 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 10MHz
DATA RATE: 40MSPS
fIN: 4.2MHz AT –2dBFS
SNR: 83.1dB
SFDR: 91.5dBc
Figure 9. Single-Tone FFT with fIN = 4.2 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 10MHz
DATA RATE: 40MSPS
fIN: 8.4MHz AT –2dBFS
SNR: 83dB
SFDR: 105.7dBc
Figure 10. Single-Tone FFT with fIN = 8.4 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 10MHz
DATA RATE: 40MSPS
fIN1: 2.1MHz AT –8dBFS
fIN2: 2.4MHz AT –8dBFS
SFDR: 91.2dBc
Figure 11. Two-Tone FFT with fIN1 = 2.1 MHz and fIN2 = 2.4 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 10MHz
DATA RATE: 40MSPS
fIN1: 3.6MHz AT –8dBFS
fIN2: 4.2MHz AT –8dBFS
SFDR: 92.2dBc
Figure 12. Two-Tone FFT with fIN1 = 3.6 MHz and fIN2 = 4.2 MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
0
2
4
6
8
10
12
141618
20
FREQUENCY (MHz)
BANDWIDTH: 10MHz
DATA RATE: 40MSPS
fIN1: 7.2MHz AT –8dBFS
fIN2: 8.4MHz AT –8dBFS
SFDR: 93dBc
Figure 13. Two-Tone FFT with fIN1 = 7.2 MHz and fIN2 = 8.4 MHz


Similar Part No. - AD9261BCPZ-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260 Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD9260-EB AD-AD9260-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9260-EB AD-AD9260-EB Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD9260AS AD-AD9260AS Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
More results

Similar Description - AD9261BCPZ-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
   30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9267 AD-AD9267 Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com