Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9261BCPZ-10 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9261BCPZ-10
Description  16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9261BCPZ-10 Datasheet(HTML) 4 Page - Analog Devices

  AD9261BCPZ-10 Datasheet HTML 1Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 2Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 3Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 4Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 5Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 6Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 7Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 8Page - Analog Devices AD9261BCPZ-10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD9261
Rev. 0 | Page 3 of 28
SPECIFICATIONS
DC SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, 40 MSPS output data rate, AIN1 = −2.0 dBFS,
unless otherwise noted.
Table 1.
Parameter
Temp
Min
Typ
Max
Unit
RESOLUTION
Full
16
Bits
ANALOG INPUT BANDWIDTH
10
MHz
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±0.02
±0.15
% FSR
Gain Error
Full
±0.7
±3.0
% FSR
Integral Nonlinearity (INL)2
Full
±1.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
±1.5
ppm/°C
Gain Error
Full
±50
ppm/°C
INTERNAL VOLTAGE REFERENCE
490
500
510
mV
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
2
V p-p diff
Common-Mode Voltage
Full
1.7
1.8
1.9
V
Input Resistance
Full
1
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
CVDD
Full
1.7
1.8
1.9
V
DVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
3.6
V
Supply Current
IAVDD2
Full
74
83
mA
ICVDD2 PLL Enabled
Full
57
654
mA
ICVDD2 PLL Disabled
Full
8.0
8.8
mA
IDVDD2
Full
100
108
mA
IDRVDD2 (1.8 V)
Full
5.5
5.8
mA
IDRVDD2 (3.3 V)
Full
10
mA
POWER CONSUMPTION
Sine Wave Input2 PLL Disabled
Full
340
370
mW
Sine Wave Input2 PLL Enabled
Full
425
465
mW
Power-Down Power
Full
20
mW
Standby Power2
Full
7
mW
Sleep Power
Full
3
4
mW
1 Input power is referenced to full scale. Therefore, all measurements were taken with a 2 dB signal below full scale, unless otherwise noted.
2 Measured with a low input frequency, full-scale sine wave.


Similar Part No. - AD9261BCPZ-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260 Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD9260-EB AD-AD9260-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9260-EB AD-AD9260-EB Datasheet
1Mb / 45P
   High Speed Oversampling CMOS ADC
AD9260AS AD-AD9260AS Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
More results

Similar Description - AD9261BCPZ-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9262 AD-AD9262_17 Datasheet
1Mb / 33P
   30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9267 AD-AD9267 Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com