Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G17 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G17
Description  Single Schmitt-trigger buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G17 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G17 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G17 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G17 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G17 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G17 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G17 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G17 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G17 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G17 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2004 Nov 30
10
Philips Semiconductors
Product specification
Single Schmitt-trigger buffer
74LVC1G17
AC CHARACTERISTICS
GND = 0 V.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPHL/tPLH
propagation delay A to Y
see Figs 9 and 10
1.65 to 1.95
1.0
4.1
11.0
ns
2.3 to 2.7
0.7
2.8
6.5
ns
2.7
0.7
3.2
6.5
ns
3.0 to 3.6
0.7
3.0
5.5
ns
4.5 to 5.5
0.7
2.2
5.0
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay A to Y
see Figs 9 and 10
1.65 to 1.95
1.0
14.0
ns
2.3 to 2.7
0.7
8.5
ns
2.7
0.7
8.5
ns
3.0 to 3.6
0.7
7.0
ns
4.5 to 5.5
0.7
6.5
ns
AC WAVEFORMS
handbook, halfpage
MNB153
tPHL
tPLH
VM
VM
A input
Y output
GND
VI
VOH
VOL
Fig.9 Input A to output Y propagation delay times.
VCC
VM
INPUT
VI
tr =tf
1.65 V to 1.95 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× V
CC
VCC
≤ 2.5 ns
VOL and VOH are typical output voltage drop that occur with the output load.


Similar Part No. - 74LVC1G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17 Datasheet
89Kb / 16P
   Single Schmitt trigger buffer
Rev. 06-27 August 2007
logo
Diodes Incorporated
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
74LVC1G17 DIODES-74LVC1G17 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G17 NEXPERIA-74LVC1G17 Datasheet
284Kb / 19P
   Single Schmitt trigger buffer
Rev. 14 - 14 January 2022
More results

Similar Description - 74LVC1G17

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com