Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACDN006SM Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACDN006SM
Description  6-Channel ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN006SM Datasheet(HTML) 1 Page - ON Semiconductor

  PACDN006SM Datasheet HTML 1Page - ON Semiconductor PACDN006SM Datasheet HTML 2Page - ON Semiconductor PACDN006SM Datasheet HTML 3Page - ON Semiconductor PACDN006SM Datasheet HTML 4Page - ON Semiconductor PACDN006SM Datasheet HTML 5Page - ON Semiconductor PACDN006SM Datasheet HTML 6Page - ON Semiconductor PACDN006SM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 5
1
Publication Order Number:
PACDN006/D
PACDN006
6-Channel ESD Protection
Array
Product Description
The PACDN006 is a diode array designed to provide six channels of
ESD protection for electronic components or subsystems. Each
channel consists of a pair of diodes that steer an ESD current pulse to
either the positive (VP) or negative (VN) supply. The PACDN006
protects against ESD pulses up to:
8 kV contact discharge, per International Standard
IEC 61000−4−2
15 kV per Human Body Model MIL−STD−883, Method 3015
(based on a 100 pF capacitor discharging through a 1.5 k
W
resistor)
This device is particularly well−suited for portable electronics
(e.g., cellular phones, PDAs, notebook computers) because of its
small package footprint, high ESD protection level, and low loading
capacitance. It is also suitable for protecting video output lines and I/O
ports in computers and peripherals and is ideal for a wide range of
consumer electronics products.
The PACDN006 is available with RoHS compliant lead−free
finishing.
Features
Six Channels of ESD Protection
8 kV Contact, 15 kV Air ESD Protection per Channel
(IEC 61000−4−2 Standard)
15 kV of ESD Protection per Channel (HBM)
Low Loading Capacitance (3 pF Typical)
Low Leakage Current is Ideal for Battery−Powered Devices
Available in Miniature 8−Pin MSOP and 8−Pin SOIC Packages
These Devices are Pb−Free and are RoHS Compliant
Applications
Consumer Electronic Products
Cellular Phones
PDAs
Notebook Computers
Desktop PCs
Digital Cameras and Camcorders
VGA (Video) Port Protection for Desktop and Portable PCs
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
PACDN006MR
MSOP 8
(Pb−Free)
4000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
006R
= PACDN006MR
PACDN 006SM = PACDN006SM
006R
MSOP 8
MR SUFFIX
CASE 846AB
ELECTRICAL SCHEMATIC
1
23
4
87
6
5
VN
VP
PACDN006SM
SOIC 8
(Pb−Free)
2500/Tape & Reel
PACDN 006SM
SOIC 8
SM SUFFIX
CASE 751BD


Similar Part No. - PACDN006SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACDN006SM ONSEMI-PACDN006SM Datasheet
117Kb / 9P
   6-Channel ESD Protection Array
May 2010 Rev. 4
More results

Similar Description - PACDN006SM

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN006 ONSEMI-PACDN006 Datasheet
117Kb / 9P
   6-Channel ESD Protection Array
May 2010 Rev. 4
logo
California Micro Device...
PACDN006S CALMIRCO-PACDN006S Datasheet
255Kb / 6P
   6 CHANNEL ESD PROTECTION ARRAY
1999
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Shanghai Leiditech Elec...
ULC0506N LEIDITECH-ULC0506N Datasheet
395Kb / 3P
   6-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
HY ELECTRONIC CORP.
HYESD1065M HY-HYESD1065M Datasheet
298Kb / 4P
   6 Channel Low Capacitance ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com