Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACDN006SM Datasheet(PDF) 6 Page - ON Semiconductor

Part # PACDN006SM
Description  6-Channel ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN006SM Datasheet(HTML) 6 Page - ON Semiconductor

  PACDN006SM Datasheet HTML 1Page - ON Semiconductor PACDN006SM Datasheet HTML 2Page - ON Semiconductor PACDN006SM Datasheet HTML 3Page - ON Semiconductor PACDN006SM Datasheet HTML 4Page - ON Semiconductor PACDN006SM Datasheet HTML 5Page - ON Semiconductor PACDN006SM Datasheet HTML 6Page - ON Semiconductor PACDN006SM Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACDN006
http://onsemi.com
6
PACKAGE DIMENSIONS
MSOP8
CASE 846AB−01
ISSUE O
S
B
M
0.08 (0.003)
A S
T
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED
0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE.
5. 846A-01 OBSOLETE, NEW STANDARD 846A-02.
b
e
PIN 1 ID
8 PL
0.038 (0.0015)
−T−
SEATING
PLANE
A
A1
c
L
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8X
8X
6X
mm
inches
SCALE 8:1
1.04
0.041
0.38
0.015
5.28
0.208
4.24
0.167
3.20
0.126
0.65
0.0256
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
−−
−−
1.10
−−
INCHES
A1
0.05
0.08
0.15
0.002
b
0.25
0.33
0.40
0.010
c
0.13
0.18
0.23
0.005
D
2.90
3.00
3.10
0.114
E
2.90
3.00
3.10
0.114
e
0.65 BSC
L
0.40
0.55
0.70
0.016
−−
0.043
0.003
0.006
0.013
0.016
0.007
0.009
0.118
0.122
0.118
0.122
0.026 BSC
0.021
0.028
NOM
MAX
4.75
4.90
5.05
0.187
0.193
0.199
HE
HE
D
D
E


Similar Part No. - PACDN006SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACDN006SM ONSEMI-PACDN006SM Datasheet
117Kb / 9P
   6-Channel ESD Protection Array
May 2010 Rev. 4
More results

Similar Description - PACDN006SM

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN006 ONSEMI-PACDN006 Datasheet
117Kb / 9P
   6-Channel ESD Protection Array
May 2010 Rev. 4
logo
California Micro Device...
PACDN006S CALMIRCO-PACDN006S Datasheet
255Kb / 6P
   6 CHANNEL ESD PROTECTION ARRAY
1999
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Shanghai Leiditech Elec...
ULC0506N LEIDITECH-ULC0506N Datasheet
395Kb / 3P
   6-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
HY ELECTRONIC CORP.
HYESD1065M HY-HYESD1065M Datasheet
298Kb / 4P
   6 Channel Low Capacitance ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com